Part Number Hot Search : 
2SC4403 BC847A XXXGX 1N4688 LTS367HR FS782 20100CT TPL10215
Product Description
Full Text Search
 

To Download P6SMBJ36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Formosa MS
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
FEATURES ! OPTIMIZED FOR LAN PROTECTION APPLICATION ! IDEAL FOR ESD PROTECTION OF DATA LINES IN ACCORDANCE WITH IEC 1000-4-2(IEC801-2) ! IDEAL FOR EFT PROTECTION OF DATA LINE IN ACCORDANCE WITH IEC 1000-4-4(IEC801-4) ! EXCELLENT CLAMPING CAPABILITY ! LOW INCREMENTAL SURGE RESISTANCE ! FAST RESPONSE TIME:TYPICALLY LESS THAN 1.0 ps FROM 0 VOLTS TO V(BR) MIN ! 600 W PEAK PULSE POWER CAPABILITY WITH A 10/1000 S WAVEFORM , REPETITION RATE (DUTY CYCLE)0.01% ! TYPICAL ID LESS THAN 1A ABOVE 10V ! HIGH TEMPERATURE SOLDERING GUARANTEED:250/10 SECONDS AT TERMINAL
CATHODE
P6SMBJ5.0 THRU P6SMBJ170A
.086(2.20) .077(1.96) .220(5.59) .205(5.21) .180(4.57) .160(4.06) .096(2.44) .084(2.13)
.155(3.94) .130(3.30)
.060(1.52) .030(0.76)
MECHANICAL DATA ! CASEMOLDED PLASTIC ! TERMINALSSOLDER PLATED ! POLARITYINDICATED BY CATHODE BAND ! WEIGHT0.093 GRAMS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
CASEDO-214AA(SMB) DIMENSIONS IN INCHES AND (MILLIMETERS)
SYMBOL VALUE UNITS RATINGS PEAK PULSE POWER DISSIPATION ON 10/1000S WAVEFORM PPPM MINIMUM 600 WATTS (NOTE 1, FIG. 1) PEAK PULSE CURRENT OF 0N 10/1000S WAVEFORM IPPM SEE TABLE 1 A (NOTE 1,FIG. 3) STEADY STATE POWER DISSIPATION AT TL=75 1.0 WATTS PM(AV) (NOTE 2) PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD, UNIDIRECTIONAL IFSM 100 A ONLY(NOTE 2) MAXIMUM INSTANTANEOUS FORWARD VOLTAGE AT 25.0A FOR VF SEE NOTE 4 V UNIDIRECTIONAL ONLY (NOTE 3 & 4) OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE TJ,TSTG - 55 TO + 150 NOTE 1.NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25PER FIG 2. 2. MOUNTED ON 5mm2 COPPER PADS TO EACH TERMINAL 3. MEASURED ON 8.3mS SINGLE HALF SINE-WAVE OR EQUIVALENT SQUARE WAVE, DUTY CYCLE = 4 PULSES PER MINUTE MAXIMUM 4. VF=3.5V ON P6SMBJ5.0 THRU P6SMBJ90 DEVICES AND VF=5.0V ON P6SMBJ100 THRU P6SMBJ170
DEVICE MARKING CODE DEVICE UNI BI
WORKING BREAKDOWN VOLTAGE PEAK V(BR) (VOLTS) at IT REVERSE VOLTAGE MIN MAX VRWM(VOLTS ) @IT (mA)
TEST CURRENT IT(mA)
MAXIMUM Clamping VOLTAGE AT IPPM VC(Volts) (Note 5)
MAX PEAK PULSE SURGE CURRENT IPPM (NOTE 5) (Amps)
MAXIMUM REVERSE LEAKAGE AT VWM ID(A)
P6SMBJ5.0 P6SMBJ5.0A P6SMBJ6.0 P6SMBJ6.0A P6SMBJ6.5 P6SMBJ6.5A P6SMBJ7.0 P6SMBJ7.0A P6SMBJ7.5 P6SMBJ7.5A P6SMBJ8.0 P6SMBJ8.0A P6SMBJ8.5 P6SMBJ8.5A P6SMBJ9.0 P6SMBJ9.0A P6SMBJ10 P6SMBJ10A P6SMBJ11 P6SMBJ11A P6SMBJ12 P6SMBJ12A P6SMBJ13 P6SMBJ13A P6SMBJ14 P6SMBJ14A P6SMBJ15 P6SMBJ15A P6SMBJ16 P6SMBJ16A P6SMBJ17 P6SMBJ17A P6SMBJ18 P6SMBJ18A P6SMBJ20 P6SMBJ20A P6SMBJ22 P6SMBJ22A P6SMBJ24 P6SMBJ24A P6SMBJ26 P6SMBJ26A P6SMBJ28 P6SMBJ28A P6SMBJ30 P6SMBJ30A P6SMBJ33 P6SMBJ33A P6SMBJ36 P6SMBJ36A P6SMBJ40 P6SMBJ40A P6SMBJ43 P6SMBJ43A P6SMBJ45 P6SMBJ45A P6SMBJ48 P6SMBJ48A
KD KE KF KG KH KK KL KM KN KP KQ KR KS KT KU KV KW KX KY KZ LD LE LF LG LH LK LL LM LN LP LQ LR LS LT LU LV LW LX LY LZ MD ME MF MG MH MK ML MM MN MP MQ MR MS MT MU MV MW MX
AD AE AF AG AH AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BD BE BF BG BH BK BL BM BN BP BQ BR BS BT BU BV BW BX BY BZ CD CE CF CG CH CK CL CM CN CP CQ CR CS CT CU CV CW CX
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45 48 48
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3
7.82 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9
10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4
62.5 65.2 52.6 58.3 48.8 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.9 22.3 24.6 20.8 23.1 19.7 21.7 18.6 20.5 16.8 18.5 15.2 16.9 14.0 15.4 12.9 14.3 12.0 13.2 11.2 12.4 10.2 11.3 9.3 10.3 8.4 9.3 7.8 8.6 7.5 8.3 7.0 7.8
800 800 800 800 500 500 200 200 100 100 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
DEVICE MARKING CODE DEVICE UNI BI
WORKING BREAKDOWN VOLTAGE PEAK V(BR) (VOLTS) at IT REVERSE VOLTAGE MIN MAX VRWM(VOLTS ) @IT (mA)
TEST CURRENT IT(mA)
MAXIMUM Clamping VOLTAGE AT IPPM VC(Volts) (Note 5)
MAX PEAK PULSE SURGE CURRENT IPPM (NOTE 5) (Amps)
MAXIMUM REVERSE LEAKAGE AT VWM ID(A)
P6SMBJ51 P6SMBJ51A P6SMBJ54 P6SMBJ54A P6SMBJ58 P6SMBJ58A P6SMBJ60 P6SMBJ60A P6SMBJ64 P6SMBJ64A P6SMBJ70 P6SMBJ70A P6SMBJ75 P6SMBJ75A P6SMBJ78 P6SMBJ78A P6SMBJ85 P6SMBJ85A P6SMBJ90 P6SMBJ90A P6SMBJ100 P6SMBJ100A P6SMBJ110 P6SMBJ110A P6SMBJ120 P6SMBJ120A P6SMBJ130 P6SMBJ130A P6SMBJ150 P6SMBJ150A P6SMBJ160 P6SMBJ160A P6SMBJ170 P6SMBJ170A
MY MZ ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR
CY CZ DD DE DF DG DH DK DL DM DN DP DQ DR DS DT DU DV DW DX DY DZ ED EE EF EG EH EK EL EM EN EP EQ ER
51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170
56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189
69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102.0 92.1 106.0 95.8 115.0 104.0 122.0 111.0 136.0 123.0 149.0 135.0 163.0 147.0 176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0
6.6 7.3 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 5.0 4.3 4.8 4.0 4.4 3.8 4.1 3.4 3.7 3.1 3.4 2.8 3.1 2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
NOTE
1. VF=3.5V on P6SMBJ5.0 thru 90 devices and VF=5.0V on P6SMBJ100 thru 170 devices at IF=25A on 1/2 Square or Equivalent Sine Wave. PW = 8.3ms , Duty Cycle = 4 Pulses per Minute Maximum 2. For Bipolar types with VR of 10 volts and under , the IR limit is doubled 3. Mounted on 5.0mm2 copper pads to each terminal. 4. For Bidirectional use C suffix for 10 tolerance , CA suffix for 5 tolerance
RATINGS AND CHARACTERISTIC CURVES P6SMBJ5.0 THRU P6SMBJ170A
FIG. 1 - PEAK PULSE POWER RATING CURVE PEAK PUSE POWER (PPP) OR CURRENT (IPP) DERATING IN PERCENTGE, % 100 PPPM PEAK PULSE POWER, KW
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25
FIG. 2 - PULSE DERATING CURVE 100
75
10
50
1.0 MOUNTED ON 5mmx5mm COPPER PADS 0.1 0.1us 1.0us 10us 100us td, PULSE WIDTH, sec. 1.0ms 10ms
25
MOUNTED ON 5mmx5mm COPPER PADS 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE,
0
FIG.3 - PULSE WAVEFORM 6.000
tr =10usec. PEAK VALUE IPPM
FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
MEASURED at ZERO BIAS
IPPM, PEAK PULSE CURRENT, %
150 CJ., JUNCTION CPACITANCE, PF
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
100
1.000
HALF VALUE Ipp 2
TJ=25 f=1 MHZ Vsig=50mVp-p
50
10/1000uSec. WAVEFORM as DEFINED by R.E.A.
100
MEASURED at STAND-OFF VOLTAGE, VWM
td
0 0 1.0 2.0 t, TIME, mS 3.0 4.0
10 1 10 100 200 V(BR), BREAKDOWN OLTAGE, VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE BIDIRECTIONAL 6.000 CJ., JUNCTION CPACITANCE, PF 200 IFSM, PEAK FORWARD SURGE CURRENT AMPERES
MEASURED at ZERO BIAS
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL
1.000
TJ=25 f=1 MHZ Vsig=50mVp-p
100
100
MEASURED at STAND-OFF VOLTAGE, VWM TA=25
10 1 10 100 200 V(BR), BREAKDOWN OLTAGE, VOLTS
10 1 10 NUMBER OF CYCLES AT 60HZ 100


▲Up To Search▲   

 
Price & Availability of P6SMBJ36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X