|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
OM5209SC OM5211SC OM5213SC OM5210SC OM5212SC DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE 15 Amp, 50 To 400 Volts, 35 To 50 ns trr FEATURES * * * * * * * * Very Low Forward Voltage Very Fast Switching Time Hermetic 5-Pin Metal Package, JEDEC MO-078AA Outline Low Thermal Resistance Isolated Package High Surge Two Uncommitted Rectifiers Available Screened To MIL-S-19500, TX, TXV And S Levels DESCRIPTION This series of products in a hermetic package is specifically designed for use at power switching frequencies in excess of 100 kHz. This series combines two uncommitted high efficiency devices into one package, simplifying installation, reducing heat sink hardware, and the need to obtain matched components. These devices are ideally suited for demanding applications where small size and a hermetically sealed package are required. ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25C Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 400 V Maximum Average D.C. Output Current @ TC = 100 C . . . . . . . . . . . . . . . . . . . 15 A Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 150 A Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55 C to +150 C Z 3.2 SCHEMATIC CONNECTION DIAGRAM 1 2 5 4 1 2345 4 11 R4 Supersedes 1 07 R3 3.2 - 49 |
Price & Availability of OM5210SC |