Part Number Hot Search : 
98266 KD40F40 ER801 A100MF SRF540 ATA5757 0US60 FOD410
Product Description
Full Text Search
 

To Download NC7SZ00P5XNL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NC7SZ00 TinyLogic UHS 2-Input NAND Gate
October 1996 Revised February 2005
NC7SZ00 TinyLogic UHS 2-Input NAND Gate
General Description
The NC7SZ00 is a single 2-Input NAND Gate from Fairchild's Ultra High Speed Series of TinyLogic. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC operating range. The inputs and output are high impedance when VCC is 0V. Inputs tolerate voltages up to 6V independent of VCC operating voltage.
Features
Space saving SOT23 or SC70 5-lead package Ultra small MicroPak Pb-Free leadless package Ultra High Speed; tPD 2.4 ns typ into 50 pF at 5V VCC High Output Drive; r24 mA at 3V VCC Broad VCC Operating Range; 1.65V-5.5V Matches the performance of LCX when operated at 3.3V VCC Power down high impedance inputs/output Overvoltage tolerant inputs facilitate 5V to 3V translation Patented noise/EMI reduction circuitry implemented
Ordering Code:
Order Number NC7SZ00M5X NC7SZ00M5_NL (Note 1) NC7SZ00M5X_NL (Note 2) NC7SZ00P5X NC7SZ00P5_NL (Note 1) NC7SZ00P5X_NL (Note 2) NC7SZ00L6X Package Number MA05B MA05B MA05B MAA05A MAA05A MAA05A MAC06A Product Code Top Mark 7Z00 7Z00 7Z00 Z00 Z00 Z00 YY Package Description 5-Lead SOT23, JEDEC MO-178, 1.6mm Pb-Free 5-Lead SOT23, JEDEC MO-178, 1.6mm Pb-Free 5-Lead SOT23, JEDEC MO-178, 1.6mm 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide Pb-Free 6-Lead MicroPak, 1.0mm Wide Supplied As 3k Units on Tape and Reel 3k Units on Tape and Reel 3k Units on Tape and Reel 3k Units on Tape and Reel 3k Units on Tape and Reel 3k Units on Tape and Reel 5k Units on Tape and Reel
Pb-Free package per JEDEC J-STD-020B. Note 1: "_NL" indicates lead-free product (per JEDEC J-STD-020B). Note 2: "_NL" indicates lead-free product (per JEDEC J-STD-020B). Device is available in Tape and Reel only.
TinyLogic is a registered trademark of Fairchild Semiconductor Corporation. MicroPak is a trademark of Fairchild Semiconductor Corporation.
(c) 2005 Fairchild Semiconductor Corporation
DS012156
www.fairchildsemi.com
NC7SZ00
Logic Symbol
IEEE/IEC
Connection Diagrams
Pin Assignments for SC70 and SOT23
Pin Descriptions
Pin Names A, B Y NC Description Inputs Output No Connect (Top View) Pad Assignment for MicroPak
Function Table
Y Inputs A L L H H
H HIGH Logic Level
AB Output
B L H L H
L
Y H H H L
LOW Logic Level
(Top Thru View)
www.fairchildsemi.com
2
NC7SZ00
Absolute Maximum Ratings(Note 3) Supply Voltage (VCC) 0.5V to 6V 0.5V to 6V DC Input Voltage (VIN) DC Output Voltage (VOUT) 0.5V to 6V
DC Input Diode Current (IIK) @ VIN ! 6V @VIN 0.5V
Recommended Operating Conditions (Note 4)
Supply Voltage Operating (VCC) Supply Voltage Data Retention (VCC) Input Voltage (VIN) Output Voltage (VOUT) Operating Temperature (TA) Input Rise and Fall Time (tr, tf) VCC @ 1.8V, 2.5V r0.2V VCC @ 3.3V r 0.3V VCC @ 5.0V r 0.5V 0 ns/V to 20 ns/V 0 ns/V to 10 ns/V 0 ns/V to 5 ns/V 300qC/W 425qC/W 1.65V to 5.5V 1.5V to 5.5V 0V to 5.5V 0V to VCC
50 mA 20 mA 50 mA 20 mA r 50 mA r 50 mA 65qC to 150qC
150qC 260qC 200 mW 150 mW
40qC to 85qC
DC Output Diode Current (IOK) @ VOUT ! 6V, VCC @VOUT 0.5V GND
DC Output Current (IOUT) DC VCC/GND Current (ICC/IGND) Storage Temperature (TSTG) Junction Temperature under Bias (TJ) Junction Lead Temperature (TL); Power Dissipation (PD) @ 85qC SOT23-5 SC70-5 (Soldering, 10 seconds)
Thermal Resistance (TJA) SOT23-5 SC70-5
Note 3: Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside datasheet specifications. Note 4: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage VCC (V) 2.3 to 5.5 1.65 to 1.95 2.3 to 5.5 1.65 1.8 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 VOL LOW Level Output Voltage 1.65 1.8 2.3 3.0 4.5 1.65 2.3 3.0 3.0 4.5 IIN IOFF ICC Input Leakage Current Power Off Leakage Current Quiescent Supply Current 0 to 5.5 0.0 1.65 to 5.5 1.55 1.7 2.2 2.9 4.4 1.29 1.9 2.4 2.3 3.8 1.65 1.8 2.3 3.0 4.5 1.52 2.15 2.80 2.68 4.20 0.0 0.0 0.0 0.0 0.0 0.08 0.10 0.15 0.22 0.22 0.1 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55 Min 0.70 VCC 0.25 VCC 0.30 VCC 1.55 1.7 2.2 2.9 4.4 1.29 1.9 2.4 2.3 3.8 0.08 0.1 0.1 0.1 0.1 0.24 0.3 0.4 0.55 0.55 V IOL IOL IOL IOL IOL 4 mA 8 mA 16 mA 24 mA 32 mA 5.5V V VIN VIH IOL 100 PA V IOH IOH IOH IOH IOH V VIN VIL IOH 1.65 to 1.95 0.75 VCC TA
25qC
Typ Max
TA
40qC to 85qC
Min Max
Units V
Conditions
0.75 VCC 0.70 VCC 0.25 VCC 0.30 VCC
V
100 PA
4 mA 8 mA 16 mA 24 mA 32 mA
r1
1 2.0
r10
10 20
PA PA PA
VIN VIN
5.5V, GND 5.5V, GND
VIN or VOUT
3
www.fairchildsemi.com
NC7SZ00
AC Electrical Characteristics
Symbol tPLH, tPHL Parameter Propagation Delay VCC (V) 1.65 1.8 2.5 r 0.2 3.3 r 0.3 5.0 r 0.5 tPLH, tPHL CIN CPD Input Capacitance Power Dissipation Capacitance Propagation Delay 3.3 r 0.3 5.0 r 0.5 0 3.3 5.0 Min 2.0 2.0 0.8 0.5 0.5 1.5 0.8 TA
25qC
Typ 5.4 4.5 3.0 2.4 2.0 2.9 2.4 4 24 30 Max 11.4 9.5 6.5 4.5 3.9 5.0 4.3
TA
40qC to 85qC
Max 12 10.0 7.0 4.7 4.1 5.2 4.5 2.0 2.0 0.8 0.5 0.5 1.5 0.8
Min
Units
Conditions
Figure Number
ns
CL RL CL RL
15 pF, 1 M: 50 pF, 500:
Figures 1, 3
ns pF pF
Figures 1, 3
(Note 5)
Figure 2
Note 5: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression: ICCD (CPD)(VCC)(fIN) (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance Input PRR 1.0 MHz; tw 500 ns
FIGURE 1. AC Test Circuit
FIGURE 3. AC Waveforms
Input PRR
AC Waveform; tr
tf
1.8 ns; 50%
10 MHz; Duty Cycle
FIGURE 2. ICCD Test Circuit
www.fairchildsemi.com
4
NC7SZ00
Tape and Reel Specification
Tape Format for SC70 and SOT23 Package Tape Designator M5X, P5X Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
Package SC70-5 SOT23-5
Tape Size 8 mm 8 mm
DIM A 0.093 (2.35) 0.130 (3.3)
DIM B 0.096 (2.45) 0.130 (3.3)
DIM F (3.5 r 0.10)
0.138 r 0.004 0.053 r 0.004 0.138 r 0.002 0.055 r 0.004 (3.5 r 0.05) (1.4 r 0.11) (1.35 r 0.10)
DIM Ko
DIM P1 0.157 (4) 0.157 (4)
DIM W 0.315 r 0.004 0.315 r 0.012 (8 r 0.3) (8 r 0.1)
5
www.fairchildsemi.com
NC7SZ00
Tape and Reel Specification
Tape Format for MicroPak Package Designator L6X Tape Section Leader (Start End) Carrier Trailer (Hub End)
(Continued) Number Cavities 125 (typ) 5000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
REEL DIMENSIONS inches (millimeters)
Tape Size 8 mm
A 7.0 (177.8)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 2.165 (55.00)
W1 0.331 0.059/0.000 (8.40 1.50/0.00)
W2 0.567 (14.40)
W3 W1 0.078/0.039 (W1 2.00/1.00)
www.fairchildsemi.com
6
NC7SZ00
Physical Dimensions inches (millimeters) unless otherwise noted
5-Lead SOT23, JEDEC MO-178, 1.6mm Package Number MA05B
7
www.fairchildsemi.com
NC7SZ00
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide Package Number MAA05A
www.fairchildsemi.com
8
NC7SZ00 TinyLogic UHS 2-Input NAND Gate
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 6-Lead MicroPak, 1.0mm Wide Package Number MAC06A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of NC7SZ00P5XNL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X