Part Number Hot Search : 
KSM540 TM5136 RPGBII00 NUMAKER SD103R LA7605M MM1564A LY62L
Product Description
Full Text Search
 

To Download MUR6020PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR15100
Ultra Fast Recovery Diodes
Dimensions TO-220AC A C(TAB) A C C
Dim. A B C D E F G H J K L M N Q
A=Anode, C=Cathode, TAB=Cathode
MUR15100
VRSM V 1000
VRRM V 1000
Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055
Milimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=100oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 25 15 150 75 80 65 70 28 27 21 20 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
78 0.4...0.6 2
W Nm g
MUR15100
Ultra Fast Recovery Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=15A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 250 150 4 2.1 2.7 1.67 33.6 1.6 0.5 60
Unit uA uA mA V V m K/W
IR
VF VTO rT RthJC RthCK RthJA trr IRM
IF=1A; -di/dt=50A/us; VR=30V; TVJ=25oC _ VR=540V; IF=15A; -diF/dt=100A/us; L<0.05uH; TVJ=100 C
o
50 6.5
60 7.2
ns A
FEATURES
* International standard package JEDEC TO-220AC * Planar passivated chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
MUR15100
Ultra Fast Recovery Diodes
Fig. 1 Forward current versus voltage drop.
Fig. 2 Recovery charge versus -diF/dt.
Fig. 3 Peak reverse current versus -diF/dt.
Fig. 4 Dynamic parameters versus junction temperature.
Fig. 5 Recovery time versus -diF/dt.
Fig. 6 Peak forward voltage versus diF/dt.
Fig. 7 Transient thermal impedance junction to case.


▲Up To Search▲   

 
Price & Availability of MUR6020PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X