Part Number Hot Search : 
KMM366 C3216 SMCJ90A NCP62306 CNY17 ON0898 3200A MP2060
Product Description
Full Text Search
 

To Download MMBT2222ALT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
MMBT2222ALT1
SOT-23 Plastic-Encapsulate Transistors
MMBT2222ALT1
FEATURES
TRANSISTOR (NPN) SOT-23
1. BASE
Power dissipation PCM: 0.3 W (Tamb=25)
2. EMITTER 3. COLLECTOR
TJ, Tstg: -55 to +150
0. 95
Unit: mm
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO HFE(1) DC current gain HFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage VCE(sat) VBE(sat)
unless otherwise specified)
Test conditions MIN 75 40 6 0.1 0.1 0.1 100 50 0.6 1.2 V V 300 TYP MAX UNIT V V V
Ic= 10A, IE=0 Ic= 10mA, IB=0 IE=10A, IC=0 VCB=70V, IE=0 VCE=35V, IB=0 VEB= 3V, IC=0 VCE=10V, IC= 150mA VCE=10V, IC= 1mA IC=500mA, IB= 50mA IC=500mA, IB= 50mA VCE=20V, IC= 20mA
0. 4
Collector current 0.6 A ICM: Collector-base voltage 75 V V(BR)CBO: Operating and storage junction temperature range
1. 0
2. 4 1. 3
2. 9
1. 9
0. 95
A A A
Transition frequency
fT
f=100MHz
300
MHz
DEVICE MARKING:
MMBT2222A = 1P
Copyright @vic Electronics Corp.
Website http://www.avictek.com


▲Up To Search▲   

 
Price & Availability of MMBT2222ALT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X