Part Number Hot Search : 
MICALD04 CWST872 P1015 XP0316P SHD52624 R1E10 4ALVC1 TK20D60
Product Description
Full Text Search
 

To Download MASW-007935-TR1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs SPDT Terminated Switch DC - 3.0 GHz
Features
* * * * * * * * * Low Insertion Loss: < 0.6 dB @ 900 MHz High Isolation: > 38 dB @ 900 MHz Low Power Consumption: < 10A @ -3 V Positive or Negative 2.5 to 8 V Control Lead-Free SOT-26 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of SW-442
MASW-007935 V1
Functional Schematic Positive Control Voltage
C = 100 pF C = 39 pF C = 100 pF
V1
RFC
V2
Description
M/A-COM's MASW-007935 is a GaAs monolithic switch in a low cost lead-free SOT-26 surface mount plastic package. The MASW-007935 is ideally suited for applications where very low power consumption, low insertion loss and very small size are required. Typical application is in dual band systems which require switching between small signal components such as filter banks, single band LNA's, converters etc. The MASW-007935 can be used in applications up to 0.25 Watts in systems such as CDMA, W-CDMA, PCS, DCS1800, GSM and other analog/ digital wireless communications systems. The MASW-007935 is fabricated using a mature 0.5 micron GaAs PHEMT process. The process features full passivation for increased performance and reliability.
RF1 Pin 1 GND RF2
C = 39 pF
CGND
C = 39 pF
Functional Schematic Negative Control Voltage
V1
RFC
V2
RF1 Pin 1
GND
RF2
Ordering Information 1
Part Number
MASW-007935-000000 MASW-007935-TR1000
Package
Bulk Packaging 1000 piece reel
Pin Configuration
PIN No.
1 2 3 4 5 6
Function
RF1 GND RF2 V2 RFC V1
Description
RF Input/Output RF Ground RF Input/Output V Control 2 RF Common V Control 1
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT Terminated Switch DC - 3.0 GHz MASW-007935 V1
Electrical Specifications: TA = 25C, Z0 = 50 Ohms 2, VCTL = -3V (unless otherwise specified)
Parameter
Insertion Loss
3
Test Conditions
DC-1 GHz 1-2 GHz 2-3 GHz DC-1 GHz 1-2 GHz 2-3 GHz DC-2 GHz 2-3 GHz 500 MHz - 3 GHz 500 MHz - 3 GHz 2-Tone 900 MHz, 5 MHz spacing, 10 dBm each tone 2-Tone 900 MHz, 5 MHz spacing, 10 dBm each tone 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In-Band VCTL = -3V
Units
dB dB dB dB dB dB Ratio Ratio dBm dBm dBm dBm nS nS mV A
Min
-- -- -- 36 25 21 -- -- -- -- -- -- -- -- -- --
Typ
0.5 0.8 1.1 38 28 22 1.4:1 1.6:1 24 28 80 50 40 60 10 6
Max
0.7 1.0 1.25 -- -- -- 1.5:1 1.7:1 -- -- -- -- -- -- -- 15
Isolation
VSWR P1dB (2.7 V supply) P1dB (5 V supply) IP2 (2.7 V supply) IP3 (2.7 V supply) Trise, Tfall Ton, Toff Transients Control Current
2. External DC blocking capacitors are required on all RF ports when using positive voltage control. 3. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Absolute Maximum Ratings 4,5
Parameter
Input Power (0.5 - 3.0 GHz) 3 V Control 5 V Control Operating Voltage Operating Temperature Storage Temperature
Truth Table
Mode (Control)
Positive6 Negative7
Absolute Maximum
+30 dBm +33 dBm +8.5 Volts -40C to +85C -65C to +150C
V1
V2
RFC RF1
On Off Off On
RFC RF2
Off On On Off
0 + 0.2 V +2.5 to +8 V +2.5 to +8 V 0 + 0.2 V 0 + 0.2 V -2.5 to -8 V -2.5 to -8 V 0 + 0.2 V
4. Exceeding any one or combination of these limits may cause permanent damage to this device. 5. M/A-COM does not recommend sustained operation near these survivability limits.
6. External DC blocking capacitors are required on all RF ports and GND. GND capacitors can be used with positive control voltage to resonate lead inductance for improved isolation. 7. If negative control is used, DC blocking capacitors and GND capacitors are not required.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT Terminated Switch DC - 3.0 GHz
Typical Performance Curves
Output VSWR vs. Frequency over Temperature Input VSWR vs. Frequency over Temperature
MASW-007935 V1
Isolation vs. Frequency over Temperature (Positive Control)
Isolation vs. Frequency over Temperature (Negative Control)
Insertion Loss vs. Frequency over Temperature (Positive Control)
Insertion Loss vs. Frequency over Temperature (Negative Control)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT Terminated Switch DC - 3.0 GHz
Lead-Free SOT-26 Plastic Package
MASW-007935 V1
Reference Application Note M538 for lead-free solder reflow recommendations.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASW-007935-TR1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X