Part Number Hot Search : 
B1612E ECH8410 71MP35 1N5817RL WA151C LCE15A N70A15 44100
Product Description
Full Text Search
 

To Download MA3S795E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA3S795E
Silicon epitaxial planar type
Unit : mm
0.28 0.05
For switching circuits
1.60 - 0.03 0.80 0.80 0.51 0.51
0.80
1.60 0.1 0.80 0.05
* Extra-small (SS-mini type) package, allowing high-density mounting * Optimum for low voltage rectification because of its low VF (VF = 0.3 V or less at IF = 1 mA) * Optimum for high-frequency rectification because of its short reverse recovery time (trr)
+ 0.05
I Features
1
3
2
0.28 0.05
I Absolute Maximum Ratings Ta = 25C
Parameter Reverse voltage (DC) For switching circuits Peak forward current Forward current (DC) Single Double* Single Double* Tj Tstg IF Symbol VR VRM IFM Rating 30 30 150 110 30 20 125 -55 to +125 C C mA Unit V V mA
0.60 - 0.03
0.44
0.44
+ 0.05
1 : Anode 1 2 : Anode 2 3 : Carhode 1 Cathode 2 SS-Mini Type Package (3-pin)
0.88 - 0.03
Marking Symbol: M3D Internal Connection
1 3 2
Junction temperature Storage temperature Note) * : Value per chip
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Symbol IR VF1 VF2 Terminal capacitance Reverse recovery time* Ct trr VR = 30 V IF = 1 mA IF = 30 mA VR = 1 V, f = 1 MHz IF = IR = 10 mA Irr = 1 mA, RL = 100 Vin = 3 V(peak), f = 30 MHz RL = 3.9 k, CL = 10 pF 1.5 1 Conditions Min Typ Max 30 0.3 1 Unit A V V pF ns
Detection efficiency
65
0.12 - 0.02
+ 0.05
+ 0.05
0.28 0.05
%
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 2. Rated input/output frequency: 2 000 MHz 3. * : trr measuring circuit Bias Application Unit N-50BU Input Pulse Output Pulse
tr 10% tp t IF trr t Irr = 1 mA IF = 10 mA IR = 10 mA RL = 100
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
1
MA3S795E
IF V F
103
1.0
Schottky Barrier Diodes (SBD)
VF Ta
104 Ta = 125C
IR VR
102
75C 25C
0.8
Forward current IF (mA)
103
IF = 30 mA
- 20C
Forward voltage VF (V)
Reverse current IR (A)
Ta = 125C 10
75C 102
0.6 10 mA 0.4
1
25C 10
10-1
0.2 1 mA
1
10-2
0
0.4
0.8
1.2
1.6
2.0
2.4
0 -40
10-1
0 40 80 120 160 200
0
5
10
15
20
25
30
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
Ct VR
3.0 f = 1 MHz Ta = 25C
IR T a
104 VR = 25 V 103
Terminal capacitance Ct (pF)
2.5
2.0
Reverse current IR (A)
3V 1V
102
1.5
10
1.0
0.5
1
0
0
5
10
15
20
25
30
10-1 -40
0
40
80
120
160
200
Reverse voltage VR (V)
Ambient temperature Ta (C)
2


▲Up To Search▲   

 
Price & Availability of MA3S795E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X