Part Number Hot Search : 
KTC43 100CA AVXXX L2TVS60A BU2730AL W10N100 3030170 30203
Product Description
Full Text Search
 

To Download KTC9014S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION. FEATURES
Excellent hFE Linearity : hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ.). Complementary to KTC9015S.
A G
L
KTC9014S
EPITAXIAL PLANAR NPN TRANSISTOR
E B
L
Low Noise :NF=1dB(Typ.) at f=1kHz.
2
3
1
P
P
N
C
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Emitter Current Collector Power Dissipation Junction Temperature Storage Temperature Range
VCBO VCEO VEBO IC IE PC * Tj Tstg
60 50 5 150 -150 350 150 -55 150 0.6 )
V V V mA mA mW
1. EMITTER 2. BASE 3. COLLECTOR
K
CHARACTERISTIC
SYMBOL
RATING
UNIT
M
SOT-23
* PC : Package Mounted On 99.5% Alumina (10 8
Marking
h FE Rank Lot No.
Type Name
BD
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Noise Figure Note : hFE Classification B:100 300, SYMBOL ICBO IEBO hFE (Note) VCE(sat) fT Cob NF C:200 600,
)
TEST CONDITION VCB=50V, IE=0 VEB=5V, IC=0 VCE=5V, IC=1mA IC=100mA, IB=10mA VCE=10V, IC=1mA, f=100MHz VCB=10V, IE=0, f=1MHz VCE=6V, IC=0.1mA, Rg=10k D:400 1000 , f=1kHz MIN. 100 60 TYP. 0.1 2.0 1.0 MAX. 50 100 1000 0.25 3.5 10 V MHz pF dB UNIT nA nA
2002. 9. 3
Revision No : 0
J
MAXIMUM RATING (Ta=25
)
DIM A B C D E G H J K L M N P
MILLIMETERS _ 2.93 + 0.20 1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
H
D
1/1


▲Up To Search▲   

 
Price & Availability of KTC9014S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X