Part Number Hot Search : 
PSWT9012 MIC5164 00GA1 EM73362 EML12 04G5T SP1820 BR808
Product Description
Full Text Search
 

To Download KTC9012S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION. FEATURES
Excellent hFE Linearity. Complementary to KTC9013S.
2 L
KTC9012S
EPITAXIAL PLANAR PNP TRANSISTOR
E B
L
3
1
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Emitter Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC IE PC * Tj Tstg RATING -40 -30 -5 -500 500 350 150 -55 150 0.6 ) UNIT V V V mA mA mW
N C
P P
DIM A B C D E G H J K L M N P
MILLIMETERS _ 2.93 + 0.20 1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
A
G
H
M
1. EMITTER 2. BASE 3. COLLECTOR
K
SOT-23
* PC : Package Mounted On 99.5% Alumina (10 8
Marking
h FE Rank Lot No.
Type Name
BB
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance Note : hFE Classification F:96 135,
)
TEST CONDITION VCB=-35V, IE=0 VEB=-5V, IC=0 VCE=-1V, IC=-50mA IC=-100mA, IB=-10mA IC=-100mA, VCE=-1V VCE=-6V, IC=-20mA, f=100MHz VCB=-6V, IE=0, f=1MHz H:144 202, I:176 246 150 MIN. 96 TYP. -0.1 -0.8 7.0 MAX. -0.1 -0.1 246 -0.25 -1.0 V V MHz pF UNIT A A
SYMBOL ICBO IEBO hFE (Note) VCE(sat) VBE fT Cob G:118 166,
2002. 9. 3
Revision No : 0
J
D
1/1


▲Up To Search▲   

 
Price & Availability of KTC9012S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X