Part Number Hot Search : 
A213DN 5ETTT 244APA BD45261G TC58NVG ZTB393D 74F54000 M41ST
Product Description
Full Text Search
 

To Download KTA1504S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION. FEATURES
Excellent hFE Linearity : hFE(0.1mA)/hFE(2mA)=0.95(Typ.).
A
L
KTA1504S
EPITAXIAL PLANAR PNP TRANSISTOR
E B
L
Complementary to KTC3875S.
G
Low Noise : NF=1dB(Typ.), 10dB(Max.).
2
3
1
P
P
C
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range
VCBO VCEO VEBO IC IB PC Tj Tstg
-50 -50 -5 -150 -30 150 150 -55 150
V V V mA mA mW
1. EMITTER 2. BASE 3. COLLECTOR
K
CHARACTERISTIC
SYMBOL
RATING
UNIT
M
SOT-23
Marking
h FE Rank Type Name Lot No.
AS
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Noise Figure Note : hFE Classification O:70 140 , Y:120 ICBO IEBO
)
TEST CONDITION VCB=-50V, IE=0 VEB=-5V, IC=0 VCE=-6V, IC=-2mA IC=-100mA, IB=-10mA VCE=-10V, IC=-1mA VCB=-10V, IE=0, f=1MHz VCE=-6V, IC=-0.1mA f=1kHz, Rg=10k 400 MIN. 70 80 TYP. -0.1 4.0 1.0 MAX. -0.1 -0.1 400 -0.3 7.0 10 V MHz pF dB UNIT A A
SYMBOL
hFE(Note) VCE(sat) fT Cob NF
240 , GR(G):200
2001. 2. 24
Revision No : 2
J
MAXIMUM RATING (Ta=25
)
DIM A B C D E G H J K L M N P
MILLIMETERS _ 2.93 + 0.20 1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
N
H
D
1/2
KTA1504S
I C - V CE
-240 COLLECTOR CURRENT I C (mA) -200 -160 -120
-0.5 -2.0 COMMON EMITTER Ta=25 C -1.5 -1.0
h FE - I C
3k DC CURRENT GAIN h FE
COMMON EMITTER
1k 500 300
Ta=100 C Ta=25 C
-80 -40 0
I B =-0.2mA
100 50
Ta=-25 C
0 0 -1 -2 -3 -4 -5 -6 -7
30 -0.1
-0.3
-1
-3
-10
-30
-100
-300
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT I C (mA)
VCE(sat) - I C
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (mV) TRANSITION FREQUENCY f T (MHz) -1k -500 -300 3k
COMMON EMITTER I C /I B =10
fT - IC
COMMON EMITTER VCE =-10V Ta=25 C
1k 500 300
-100 -50 -30
Ta =1 00 C
Ta=25 C Ta=-25 C
100 50 30 -0.1 -0.3 -1 -3 -10 -30 -100 -300
-10 -0.1
-0.3
-1
-3
-10
-30
-100
-300
COLLECTOR CURRENT I C (mA)
COLLECTOR CURRENT I C (mA)
I B - V BE
COMMON EMITTER VCE =-6V
Pc - Ta
COLLECTOR POWER DISSIPATION P C (mW) -0.8 -1.0 -1.2 200
-1k BASE CURRENT I B (A) -300 -100 -30 -10 -3 -1 -0.3 0
150
Ta=2 5C Ta=25 C
Ta=1 00 C
100
50
-0.2
-0.4
-0.6
0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE Ta ( C)
BASE-EMITTER VOLTAGE VBE (V)
2001. 2. 24
Revision No : 2
2/2


▲Up To Search▲   

 
Price & Availability of KTA1504S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X