Part Number Hot Search : 
107AF MC33035D SFBDY58A V7703B FTRPB LC7233 XXXXXX P8797
Product Description
Full Text Search
 

To Download KPI-512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photointerrupter(Transmissive)
KPI-512
DESCRIPTION
The photointerrupter high-performance standard type KPI-512 combines a high-output GaAs IRED with a high sensitivity phototransistor.
DIMENSIONS
FEATURES
* PWB direct mount type * GAP : 5.0mm
APPLICATIONS
* Printers * Copiers *A T M * Ticket Vending Machines
ABSOLUTE MAXIMUM RATINGS
Parameter
Forward Current Input Pulse Forward Current Reverse Voltage Power Dissipation Collector Emitter Voltage Output Emitter Collector Voltage Collector Current Collector Power Dissipation Operating Temperature Storage Temperature
*2 *3 *2 *1
(Ta=25E)
Symbol
IF IFP VR PD VCEO VECO IC PC TOPR TSTG TSOL
Rating
60 1 5 100 30 5 40 100 -25 ~ +85 -40 ~ +85 260
Unit
mA A V mW V V mA mW E
E
E
Soldering Temperature
*1. Pulse width : twA100sec.period : T=10msec *2. No icebound or dew *3. For MAX. 5 seconds at the position of 1mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Parameter
Forward Voltage Input Reverse Current Capacitance Peak Wavelength Output Dark Current Light Current Coupled Collector Emitter Saturation Voltage Response Time Rise Time Fall Time
(Ta=25E)
Symbol
VF IR CT ?P ICEO IL VCE(SAT) tr tf IF=20mA VR=5V f=1KHz IF=20mA
Conditions
MIN.
0.5 -
TYP.
1.2 25 940 5 5
MAX.
1.7 10 10 15 0.4 -
Unit
V A
PF
nm nA mA V s s
VCE=10V, 0 Lux VCE=5V, IF= 20mA (Non-shading) IF=20mA, IC=0.1mA VCC=5V, IC=2mA, RL=100U
1/2
Photointerrupter(Transmissive)
Power dissipation(P ) C
KPI-512
Collector power dissipation Vs. Ambient temparature
L Relative light current(IForward current(I ) F )
Power dissipartion( PC )
Forward current( I F )
Light Current(I )IL ) Light Current( L
(N ) 100 50 0
0
Forward current Vs. Forward voltage
(I) Ta=25 C 4 3 2 1 0
Light current Vs. Forward current
VCE =5V Ta=25 C
(I)
100
50
20 40 60 80 (E) Ambient temperature(Ta) Ambient temperature(Ta)
0
0
0.5
Forward voltage(V )
2.0 (V) Forward voltage( VFF )
1.0
1.5
Collector dark current(I ) CEO
Collector dark current( I CEO )
0
10 20 30 40 (mA) Forward Current(I F Forward Current( IF ))
Light current Vs. Collentor-Emitter voltage
(I) Ta=25 C 5
Light Current( I Light Current(IL ) L
4 3 2 1
IF =50mA IF =40mA IF =30mA IF =20mA IF =10mA 0 2 4 6 8 10 12 (V) Collector-Emitter Collector-EmitterVoltage( VCE ) CE Voltage(V )
Response time tr, tf
0
(nA) V =5V CE IF=20mA 2 V =10V CE 10 100 1 10 50 0 10 -1 40 80 (E) 0 -20 20 60 0 0 40 (E) 10 20 60 100 0 Ambient temperature(Ta) tempera Ambient (%)
Ambient temperature( Ta ) Ambient temperature( Ta )
Relative light current Vs. Ambient temperature
Dark current Vs. Ambient temperature
Relative light current( I L )
100
tr
1 10
Load Resistance( RL )
tf
50
Method of measuring position
detection characteristic
2 3 4( ) 10 10 10U Road Resistance(R ) L
0 -2
Optical Axis(X)
0 +2 -2 0 Moving distance(L) Moving distance( L )
+2 (mm)
- 0
2/2
Optical Axis(Y)
Relative light current(II ) ) L Relative light current(
Response time tr, tf
(A ) 3 10 2 10
Switching time Vs. Load resistance
VC CC =5V Ta=25 IF=10mA
L
(%) X
Relative light current Vs. Moving distance Y V =5V CC V =5V CC Ta=25 C C Ta=25 IF =10mA IF =10mA
Optical Axis(Y)
Response time mea CC Input V ICR V L OUT Input 90% Output 10% td tf tr Method ofcharacte detection measur Optical Axis(X)
Response time measurement circuit


▲Up To Search▲   

 
Price & Availability of KPI-512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X