Part Number Hot Search : 
C74HC2 HC230 2SC4591 TLMG3100 RJP63F3 SC1601G L475D N5401
Product Description
Full Text Search
 

To Download HERF1001G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HERF1001G - HERF1008G
Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
ITO-220AB
Features
Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability For use in low voltage, high frequency inventor, free wheeling, and polarity protection application.
Mechanical Data
Case: ITO-220AB molded plastic Epoxy: UL 94V0 rate flame retardant Terminals: Pure tin plated, lead free solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/ 0.25" (6.35mm) from case for 10 seconds. Mounting torque: 5 in - 1bs. max. Weight: 2.24 grams
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @T C = 100 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 5.0A Maximum DC Reverse Current @T A=25 oC at Rated DC Blocking Voltage @ T A=125 oC Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance (Note 3) Operating Temperature Range
Symbol HERF HERF HERF HERF HERF HERF HERF HERF Units
1001G 1002G 1003G 1004G 1005G 1006G 1007G 1008G
V RRM V RMS V DC I(AV) IFSM VF IR Trr
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 10
600 420 600
800 1000 560 700 800 1000
V V V A A
125 1.0 1.3 10 400 50 60 3.0 -65 to +150 -65 to +150 80 40 1.7
V uA uA nS pF o C/W o C o C
Cj
R JC
TJ
Storage Temperature Range T STG 1. Reverse Recovery Test Conditions: IF=0.5A, IR =1.0A, IRR =0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (HERF1001G THRU HERF1008G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
10 8 6 4 2 0
FIG.2- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
100
Tj=125 0C
Tj=75 0C
10
0
50
100
o
150
LEAD TEMPERATURE. ( C)
Tj=25 0C
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150 125 100 75 50 25
8.3ms Single Half Sine Wave JEDEC Method
1
0.1
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
100
HE RF 10 01 G ~H ER F1 00 4G
H F ER 10
1
2
5
10
20
50
100
INSTANTANEOUS FORWARD CURRENT. (A)
30 10
NUMBER OF CYCLES AT 60Hz
05
G
3 1
FIG.4- TYPICAL JUNCTION CAPACITANCE
240 200
8G 00 F1 ER ~H 6G 00 F1 R HE
CAPACITANCE.(pF)
0.3 0.1
160 120 80 40 0 1 2 5
HER F10 06G
HE
RF
100
1G
~H
ER
F10
05G
0.03 0.01 0.4
~HE
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
RF1
008
G
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
20
50
100
200
500
1000
FORWARD VOLTAGE. (V)
REVERSE VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A DUT (-) PULSE GENERATOR (NOTE 2) NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A
(+) 50Vdc (approx) (-)
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Version: A06


▲Up To Search▲   

 
Price & Availability of HERF1001G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X