Part Number Hot Search : 
R5F56 7520WT 320F280 LP3301 MCP9701 EH390 MIC22205 LT1H67A
Product Description
Full Text Search
 

To Download HEP801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HEP801 THRU HEP806
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Low forward voltage drop * High current capability * High reliability * Low power loss, high effciency * High surge current capability * High speed switching * Low leakage
3.7 0.2
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
ITO-220A
10 0.5 3.2 6.4 0.1 4.5 0.2 2.7
2.7 0.2
Mechanical Data
* Case : JEDEC ITO-220A molded plastic body * Terminals : Lead solderable per MIL-STD-750, method 2026 * Polarity : As marked * Mounting Position : Any * Weight : 0.08 ounce, 2.24 gram
5.08
+
0.7 0.2
13Min
1.3 0.2
15 0.3
0.5 2.4 PIN 1 CASE PIN 2 + Case Negative Suffix"R"
PIN 1
CASE PIN 2 CasePositive
+
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length @ at TA=100E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 8.0A Maximum DC reverse current at rated DC blocking voltage TA=25E Maximum DC reverse current at rated DC blocking voltage TA=125E Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction and storage temperature range IR VRRM VRMS VDC I(AV) IFSM VF
HEP 801
50 35 50
HEP 802
100 70 100
HEP 803
200 140 200 8.0 125 1.0 10.0
HEP 804
300 210 300
HEP 805
400 280 400
HEP 806
600 420 600
Units
Volts Volts Volts Amps Amps
1.3
1.7
Volts
i A 100
Trr CJ
50 80 2.2 -55 to +150 -55 to +150
80 50
ns pF E /W E
ReJC
TJ TSTG
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A. (2) Measured at 1MHz and applied reverse voltage of 4.0 Volts. (3) Thermal resistance from junction to case mounting on heatsink.
RATINGS AND CHARACTERISTIC CURVES HEP801 THRU HEP806
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC
NONINDUCTIVE
AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
10
+0.5A PULSE GENERATOR ( NOTE 2 ) 0 -0.25A
DUT (+ ) 50Vdc (approx) (-)
NONINDUCTIVE
OSCILLOSCOPE (NOTE 2 )
-1.0A SET TIME BASE FOR 5/ 10ns / cm
NOTES: 1 . RISE TIME = 7nsmax. INPUT IMPEDANCE= 1 MEGOHM 22p 2 . RISE TIME = 10ns max. SOURSE IMPEDANCE = 50ohmsf
AVERAGE FORWARD CURRENT . ( A )
. FIG 2 -MAXIMUM AVERAGE FORWARD CURRENT DERATING 20 16 12 8 4 0 0 50 CASE TEMPERATURE . ( % ) 100 150
A)
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS 1000
INSTANTAN EOUS REVERSE CURRET . (
100
Tj=125 C
O
10
Tj=25 C
O
PEAK FORWARD SURGE CURRENT . ( A )
FIG . 4 -MAXIMUM NON - REPETITIVE FORWARD SURGE CURRENT 150 120 90 60
1
8.3ms Single Half Sine Wave JEDEC Method
0.1 0
PERCENT OF RATED PEAK REVERSE VOLT AGE . (%)
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD CURRENT . ( A)
30 1 2 5 10 20 NMBER OF CYCLES AT 60Hz 50 100
FIG . 6 -TYPICAL FRWARD CHARACTERISTICS 100 30
EP
1.0 0.3 0.1 0.03 .01 .4 .6 .8
80 -H HE P8
10 3.0
4
FIG . 5 -TYPICAL JUNCTIOON CAP ACITANCE CAPACITANCE ( pF) 150 120 90 60 30 0 1 2 5
HE P8 06
HE
HE P8 06
HEP
80 1
-HEP
805
01
P8
05
10 20 50 100 200 REVERSE VOLTAGE . ( V)
500
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE . ( V )


▲Up To Search▲   

 
Price & Availability of HEP801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X