Part Number Hot Search : 
SAMTEC EM73460 100JP GAAMLA MIC4417 LM78LXXA ADT731 BF1201WR
Product Description
Full Text Search
 

To Download HBC327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6413 Issued Date : 1993.01.15 Revised Date : 2002.02.05 Page No. : 1/4
HBC327
PNP EPITAXIAL PLANAR TRANSISTOR
Description
This HBC327 is designed for driver and output-stages of audio amplifiers.
Features
* High DC Current Gain: 100-600 at IC=100mA,VCE=1V * Complementary to HBC337
TO-92
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ................................................................................ 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ -50 V VCEO Collector to Emitter Voltage ..................................................................................... -45 V VEBO Emitter to Base Voltage ............................................................................................. -5 V IC Collector Current ...................................................................................................... -500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *hFE1 *hFE2 *VCE(sat)1 VBE(on) fT Cob Min. -50 -45 -5 100 40 Typ. 100 4 Max. -100 -100 600 -0.7 -1.2 Unit V V V nA nA Test Conditions IC=-100uA, IE=0 IC=-10mA, IB=0 IE=-100uA, IC=0 VCB=-30V, IE=0 VEB=-5V, IC=0 VCE=-1V, IC=-100Ma VCE=-1V, IC=-300mA IC=-500mA, IB=-50mA VCE=-1V, IC=-300mA, VCE=-5V, IC=-10mA, f=100MHZ VCB=-10V, f=1MHZ, IC=0
V V MHZ PF
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Classification of hFE1
Rank Range 16 100-250 25 160-400 40 250-600
HBC327
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
1000 VCE(sat) @ IC=10IB
Spec. No. : HE6413 Issued Date : 1993.01.15 Revised Date : 2002.02.05 Page No. : 2/4
Saturation Voltage & Collector Current
125 C
o
100
25 C
o
Saturation Voltage (mV)
hFE
75 C
o
100
125 C
o
o
hFE @ VCE=1V 10 1 10 100 1000
10 0.1 1
25 C 75 C
o
10
100
1000
Collector Current-IC (mA)
Collector Current-IC (mA)
ON Voltage & Collector Current
1000 25 C
o
Cutoff Frequency & Collector Current
1000
Cutoff Frequency (MHz).. .
ON Voltage (mV)
75 C 125 C
o
o
VCE=5V 100
VBE(ON) @ VCE=1V
100 0.1 1 10 100 1000
10 1 10 100 1000
Collector Current-IC (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
100 10000
Safe Operating Area
PT=100ms
PT=1ms
Collector Current-IC (mA)
1000 PT=1s
Capacitance (pF)
Cob 10
100
10
1 0.1 1 10 100
1 1 10 100
Reverse Biased Voltage (V)
Forward Voltage-VCE (V)
HBC327
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6413 Issued Date : 1993.01.15 Revised Date : 2002.02.05 Page No. : 3/4
PD-Ta
700 600
Power Dissipation-PD (mW)
500 400 300 200 100 0 0 50 100
o
150
200
Ambient Temperature-Ta ( C)
HBC327
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6413 Issued Date : 1993.01.15 Revised Date : 2002.02.05 Page No. : 4/4
2
Marking:
H BC 327 Control Code
3
C
Style: Pin 1.Collector 2.Base 3.Emitter
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HBC327
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HBC327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X