Part Number Hot Search : 
TA114E MSR33RT 440SH MSR33RT HT604 T460003 OM7500SC 15KW18A
Product Description
Full Text Search
 

To Download GPS-400AA-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GPS-400AA-100
Series
150 (W) x 86 (H) x 140 (L) mm
FEATURES
* Application: Desktop PC * 120mm fan * Comply with Intel ATX12V 2.0 * Remote On/Off * Low acoustics noise * High reliability * Fan speed control * Short circuit protection * Over voltage protection * Over current protection * Active PFC to meet EN61000-3-2
ENVIRONMENTAL
* Operating ambient temperature: 10~50 C * Operating relative humidity: 5~85% * Storage ambient temperature: -40~70C * Storage relative humidity: 5~95% * Altitude: 10,000~50,000 feet * MTBF: > 100K hours @ max. load & 25C ambient conditions.
ELECTRICAL SPECIFICATIONS INPUT
* Input Range * Frequency * Input Current * Efficiency * EMI/RFI 90~135Vac/ 180~265Vac 47~63Hz <9A @ 115Vac, <4.5A @ 230Vac >70% @ 230Vac CISPR 22 Class B, FCC
OUTPUT
* Maximum Power 400 Watts * Holdup Time >17mS @ 115Vac * Rise Time <20mS * Leakage Current <0.75mA @ 240Vac * Overvoltage Protection: +3.3V, +5V, +12V1 & 12V2 * Overcurrent Protection: <240VA * Short-Circuit Protection: Latch off Ripple & Noise Vp-p 50mV 50mV 120mV 200mV 120mV 50mV * Power Good Signal: TTL compatible on delay 100mS to 500mS, off delay 1mS.
Output V1 V2 V3 V4 V5 V6
Voltage +3.3V +5V +12V1 +12V2 -12V +5Vsb
Regulation 5% 5% 5% 5% 10% 5%
Minimum Maximum Load Load 0.5A 0.5A 1.0A 1.0A 0.0A 0.0A 28.0A 26.0A 14.0A 15.0A 0.5A 2.0A
Peak Load 16.0A 2.5A
1. Total continue power output: 400W 2. The combined power on +3.3V & +5V: 140W max 3. The combined power on +3.3V, +5V & +12V: 390W max
All specifications are subject to change without prior notice. DELTA ELECTRONICS, INC. 3, TUNG YUAN ROAD, CHUNGLI INDUSTRIAL ZONE TAOYUAN SHIEH, TAIWAN, R.O.C. TEL: 886-3-4526107 FAX: 886-3-4527314 mail: powersales@delta.com.tw DELTA PRODUCTS CORPORATION 4405 CUSHING PARKWAY FREMONT, CA 94538, U.S.A. TEL: 1-510-668-5100 FAX: 1-510-668-0680 DELTA ELECTRONICS(JAPAN) INC. DELTA SHIBADAIMON BLDG. 2-1-14 SHIBADAIMON, MINATO-KU, TOKYO, 105-0012, JAPAN TEL: 81-3-5733-1111 FAX: 81-3-5733-1211 DELTA ELECTRONICS, EUROPE LTD. 2 YOUNG PLACE KELVIN INDUSTRIAL ESTATE EAST KILBROIDE, GLASGOW G75 OTD, U.K. TEL: 44-1355-588888 FAX: 44-1355-588889


▲Up To Search▲   

 
Price & Availability of GPS-400AA-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X