Part Number Hot Search : 
96NQ03LT SDH20F BUL64 BZX79C22 5S72A KBP208 FZT491A AT82NGSZ
Product Description
Full Text Search
 

To Download FDFM2P1100508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDFM2P110 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
August 2005
FDFM2P110
Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
General Description
FDFM2P110 combines the exceptional performance of Fairchild's PowerTrench MOSFET technology with a very low forward voltage drop Schottky barrier rectifier in a MicroFET package. This device is designed specifically as a single package solution for Buck Boost. It features a fast switching, low gate charge MOSFET with very low on-state resistance.
Applications
Buck Boost
Features
-3.5 A, -20 V RDS(ON) = 140m @ VGS = -4.5 V RDS(ON) = 200m @ VGS = -2.5 V Low Profile - 0.8 mm maximun - in the new package MicroFET 3x3 mm
PIN 1 A
S
G A
1 2 3 6 5 4
A S D
C/D
S G
A TOP MLP 3x3
S
D
BOTTOM
Absolute Maximum Ratings TA = 25C unless otherwise noted
Symbol VDSS VGSS ID VRRM IO PD TJ, TSTG Parameter Drain-Source Voltage Gate-Source Voltage Drain Current -Continuous -Pulsed Schottky Repetitive Peak Reverse voltage Schottky Average Forward Current Power dissipation (Steady State) Operating and Storage Junction Temperature Range (Note 1a) (Note 1a) (Note 1b) (Note 1a) Ratings -20 12 -3.5 -10 20 2 2 0.8 -55 to +150 Units V V A V A W
o
C
Thermal Characteristics
RJA RJA Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ambient (Note 1a) (Note 1b) 60 145
o
C/W
oC/W
Package Marking and Ordering Information
Device Marking 2P110 Device FDFM2P110 Reel Size 7inch
1
Tape Width 12mm
Quantity 3000 units
FDFM2P110 Rev. C4 (W)
(c)2005 Fairchild Semiconductor Corporation
FDFM2P110 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Electrical Characteristics TA = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, ID = -250A, VGS = 0V ID = -250A, Referenced to 25C VGS = 0V, VDS = -16V VGS = 12V, VDS = 0V -20 -11 -1 100 V mV/C A nA
On Characteristics (Note 2)
VGS(TH) VGS(TH) TJ RDS(ON) ID(ON) gFS Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance VDS = VGS, ID = -250A ID = -250A, Referenced to 25C ID = -3.5A, VGS = -4.5V ID = -3.0A, VGS = -2.5V ID = -3.5A, VGS = -4.5V, TJ = 125C VGS = -2.5V, VDS = -5V ID = -3.5A, VDS = -5V -0.6 -10 -1.0 3 101 145 136 6 -1.5 140 200 202 A S m V mV/C
Dynamic Characteristics
CISS COSS CRSS RG Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance VDS = -10V, VGS = 0V, f = 1MHz f = 1MHz 280 65 35 7 pF pF pF
Switching Characteristics (Note 2)
td(ON) tr td(OFF) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS = -10V, ID = -3.5A, VGS = -4.5V VDD = -10V, ID = -1A VGS = -4.5V, RGEN = 16 8 12 11 3.2 3 0.7 1 16 22 20 6.4 4 ns ns ns ns nC nC nC
Drain-Source Diode Characteristics and Maximum Ratings
IS VSD trr Qrr Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Diode Reverse Recovery Time Diode Reverse Recovery Charge VGS = 0V, IS = -2 A (Note 2) -0.9 13 3 -2 -1.2 A V ns nC
IF= -3.5A, dIF/dt=100A/s
Schottky Diode Characteristic
VR IR VF Reverse Voltage Reverse Leakage Forward Voltage IR = 1mA VR = 5V IF = 1A TJ = 25C TJ = 100C TJ = 25C 20 0.32 100 10 0.39 V A mA V
2
FDFM2P110 Rev. C4 (W)
FDFM2P110 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Electrical Characteristics TA = 25C unless otherwise noted
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RCA is guaranteed by design while RCA is determined by the user's board design.
a) 60oC/W when mounted on a 1in2 pad of 2 oz copper
b) 145oC/W whe mounted on a minimum pad of 2 oz copper Scale 1: 1 on letter size paper
2. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
3
FDFM2P110 Rev. C4 (W)
FDFM2P110 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Typical Characteristics
10
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = -4.5V
2.4
-3.5V -3.0V
2.2 2 1.8 1.6 1.4 1.2 1 0.8 -3.0V -3.5V VGS = -2.5V
-ID, DRAIN CURRENT (A)
8
6
-2.5V
4
-2.0V
2
-4.0V
-4.5V
0 0 1 2 3 4 5 -VDS, DRAIN-SOURCE VOLTAGE (V)
0
2
4
6
8
10
-ID, DRAIN CURRENT (A)
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage
1.6 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
RDS(ON), ON-RESISTANCE (OHM)
0.44
ID = -3.5A VGS = -4.5V 1.4
0.4 0.36 0.32 0.28 0.24 0.2 0.16 0.12 0.08 TA = 25oC TA = 125oC
ID = -1.8A
1.2
1
0.8
0.6 -50
-25
0
25
50
75
100
125
150
1
2
3
4
5
TJ, JUNCTION TEMPERATURE (oC)
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature
Figure 4. On-Resistance Variation with Gate-to-Source Voltage
8
100 -IS, REVERSE DRAIN CURRENT (A)
VDS = -5V TA = -55oC 25oC
10 1 0.1 0.01 0.001 0.0001
VGS = 0V TA = 125oC 25oC -55 C
o
-ID, DRAIN CURRENT (A)
6 125oC 4
2
0 0.5
1
1.5
2
2.5
3
3.5
0.2
0.4
0.6
0.8
1
1.2
-VGS, GATE TO SOURCE VOLTAGE (V)
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature
4
FDFM2P110 Rev. C4 (W)
FDFM2P110 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
Typical Characteristics
5 -VGS, GATE-SOURCE VOLTAGE (V) ID = -3.5A 4 -15V 3
CAPACITANCE (pF) 500
VDS = -5V
-10V
400
Ciss
f = 1MHz VGS = 0 V
300
2
200
Coss
1
100
Crss
0 0 1 2 Qg, GATE CHARGE (nC) 3 4
0 0 4 8 12 16 20 -VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance Characteristics
IF, FORWARD LEAKAGE CURRENT (A)
IR, REVERSE LEAKAGE CURRENT (A)
10 TJ = 125oC 1 TJ = 25oC 0.1
0.1 TJ = 125 C 0.01
o
0.001
TJ = 100 C
o
0.0001
o
0.01
0.00001
TJ = 25 C
0.001 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 VF, FORWARD VOLTAGE (V)
0.000001 0 5 10 15 20 VR, REVERSE VOLTAGE (V)
Figure 9. Schottky Diode Forward Voltage
Figure 10. Schottky Diode Reverse Current
Thermal characterization performed using the conditions described in Note 1b. Transient thermal response will change depending on the circuit board design.
Figure 11. Transient Thermal Response Curve
5
FDFM2P110 Rev. C4 (W)
FDFM2P110 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
6
FDFM2P110 Rev. C4 (W)
FDFM2P110 Integrated P-Channel PowerTrench(R) MOSFET and Schottky Diode
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM
FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I16
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
7
FDFM2P110 Rev. C4 (W)


▲Up To Search▲   

 
Price & Availability of FDFM2P1100508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X