Part Number Hot Search : 
8128A L4728 ATW2800D 15080 AMS4155S 720EHA06 NTE18 2SA1979
Product Description
Full Text Search
 

To Download FCH20A09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : FCH20A09 FCH20 20A
OUTLINE DRAWING
FEATURES *TO-220AB Case *Fully Molded *Dual Diodes - Cathode Common *Low Forward Voltage Drop *High Surge Capability *Tj=150 C operation
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 1.75g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg Ftor 180 20
FCH20A09
90 50 Hz Full Sine Wave Tc=121C Resistive Load 22.2 50Hz Full Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM Conditions Min. Typ. Max. 1 0.88 1.5 1.5 Unit mA V C /W C /W Tj= 25C, VRM= VRRM per arm Tj= 25C, IFM= 10 A VFM per arm Rth(j-c) Junction to Case Rth(c-f) Cace to Fin
FCH_A_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
FCH20A09 (per Arm)
50
INSTANTANEOUS FORWARD CURRENT (A)
20 Tj=25C Tj=150C 10
5
2
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
FCH20A09 (Total)
RECT 180 SINE WAVE
20
AVERAGE FORWARD POWER DISSIPATION (W)
16
12
8
4
0 0 4 8 12 16 20 24
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 50 FCH20A09 (per Arm)
PEAK REVERSE CURRENT (mA)
20
10
5 0 20 40 60 80 100
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
FCH20A09 (Total)
RECT 180
2.4
AVERAGE REVERSE POWER DISSIPATION (W)
2.0
1.6
SINE WAVE
1.2
0.8
0.4
0 0 20 40 60 80 100
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =90 V FCH20A09 (Total)
RECT 180
24
AVERAGE FORWARD CURRENT (A)
20
SINE WAVE
16
12
8
4
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 200 FCH20A09
SURGE FORWARD CURRENT (A)
160
120
80
40
I FSM 0.02s
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 500 FCH20A09 (per Arm)
JUNCTION CAPACITANCE (pF)
200
100
50 0.5 1 2 5 10 20 50 100
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of FCH20A09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X