Part Number Hot Search : 
XO5082 GMS82512 MAX168 3E552FB DTA124E FMS6243 AM2502DC LBN14015
Product Description
Full Text Search
 

To Download FCH10A15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : FCH10A15 FCH10 10A
OUTLINE DRAWING
FEATURES *Similar to TO-220AB Case *Fully Molded Isolation *Dual Diodes - Cathode Common *Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 1.75g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg Ftor 130 10
FCH10A15
150 50 Hz Full Sine Wave Tc=121C Resistive Load 11.1 50Hz Full Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM Conditions Min. Typ. Max. 1 0.88 3 1.5 Unit mA V C /W C /W Tj= 25C, VRM= VRRM per arm Tj= 25C, IFM= 5 A VFM per arm Rth(j-c) Junction to Case Rth(c-f) Cace to Fin
FCH_A_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
FCH10A15/FRH10A15 (per Arm)
20
INSTANTANEOUS FORWARD CURRENT (A)
10
5
2 Tj=25C Tj=150C 1
0.5 0 0.2 0.4 0.6 0.8 1.0 1.2
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
FCH10A15/FRH10A15 (Total)
AVERAGE FORWARD POWER DISSIPATION (W)
RECT 180
8
SINE WAVE
6
4
2
0 0 2 4 6 8 10 12
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 20 FCH10A15/FRH10A15 (per Arm)
PEAK REVERSE CURRENT (mA)
10
5 0 40 80 120 160
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
FCH10A15/FRH10A15 (Total)
RECT 180
2.4
AVERAGE REVERSE POWER DISSIPATION (W)
2.0
1.6
SINE WAVE
1.2
0.8
0.4
0 0 40 80 120 160
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V R M= 150V FCH10A15/FRH10A15 (Total)
RECT 180
12
AVERAGE FORWARD CURRENT (A)
10
SINE WAVE
8
6
4
2
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 140 FCH10A15/FRH10A15
120
SURGE FORWARD CURRENT (A)
100
80
60
40
I FSM 0.02s
20
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue FCH10A15/FRH10A15 (per Arm)
500
JUNCTION CAPACITANCE (pF)
200
100
50
20 0.5 1 2 5 10 20 50 100 200
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of FCH10A15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X