Part Number Hot Search : 
PFSM100 9LV16 36003250 2SC5004 USFF1206 AC03D 0A015 20N03L
Product Description
Full Text Search
 

To Download EV6001DN-00D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EV6001DN-00D
WLED Driver Evaluation Board
The Future of Analog IC Technology
GENERAL DESCRIPTION
The EV6001DN-00D is an evaluation board for the WLED driver application. It can drive 6 20mA strings of WLEDs with up to 10 WLEDs per string. EV6001DN-00D has good current balance among 6 strings. It also has PWM dimming, EN function, and open circuit voltage protection. This device is available in an 8-pin SOIC package with an exposed pad.
FEATURES
* * * * * * * * Integrated 150V Power Switch Integrated 100V Startup Circuit Cycle-by-Cycle Current Limiting PWM Dimming Open Circuit Protection Backlight Current Balance LCD Panel Backlight General and Accent Lighting
APPLICATIONS
ELECTRICAL SPECIFICATIONS
Parameter Input Voltage Output Voltage Output Current Symbol VIN VOUT IOUT Value 7 - 21 33 20mA x 6 Units V V mA
"MPS" and "The Future of Analog IC Technology" are Registered Trademarks of Monolithic Power Systems, Inc.
EV6001DN-00D EVALUATION AND LED BOARDS
Efficiency vs Input Voltage
90
Board Number EV6001DN-00D
MPS IC Number MP6001DN
EFFICIENCY (%)
(L x W x H) 2.6" x 0.6" x 0.2" (6.5cm x 1.5cm x 0.5cm)
85 80 75 70 65 60 55 50 5 10 15
ILED = 20mA
20 25
(L x W x H) 3.3" x 0.8" x 0.2" (8.5cm x 2.0cm x 0.5cm) Board Number MP6001 LED Board -00C
EV6001DN-00D Rev. 1.0 9/5/2006
INPUT VOLTAGE (V)
MPS IC Number MP6001DN 1
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
EV6001DN-00D - WLED DRIVER EVALUATION BOARD
EVALUATION BOARD SCHEMATIC
CN1 VIN GND DIM EN 1 2 3 4 EN VIN VCC
1 8 D1 60V/2A B260A-13-F
1 2 3 4 5 6
GND SW
CN2 VOUT1 VOUT2 S0 S1 S2 S3 S4 S5
7 8
2 ZD1 1.8V C7 NS 3 C3 4.7nF
LINE
VIN
7
Q1
MP6001
FB VCC 6
VC
ZD2 6.8V
EN
4
COMP
RT
5
VC
Q3
C6 NS
C5 100pF
Q2
Q4
Q5
D3 BAT54HT1
ZD4 2.2V
R19 NS
LED BOARD SCHEMATIC
LED51-LED55
TP13 LED41-LED45
TP1
TP7 CN1
TP14 LED31-LED35
TP2
TP8
TP15 LED21-LED25
TP3
TP9
TP16 LED11-LED15
TP4
TP10
8 7 6 5 4 3 2 1
S5 S4 S3 S2 S1 S0 VOUT2 VOUT1
TP17
LED1-LED5
TP5
TP11
TP18
TP6
TP12
EV6001DN-00D Rev. 1.0 9/5/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
2
EV6001DN-00D - WLED DRIVER EVALUATION BOARD
EV6001DN-00D BILL OF MATERIALS
Qty 1 1 1 1 1 2 2 1 1 1 1 1 1 1 6 1 1 1 1 1 2 3 2 1 1 1 1 1 Ref C1 C2 C3 C4 C5 C6, C7 R1, R3 R2 R4 R5 R6 R7 R8 R9 R10, R11, R12, R13, R14, R16 R15 R17 R18 R19 L1 Q1, Q2 Q3, Q4, Q5 ZD1, ZD3 ZD2 ZD4 CN1 CN2 U1 Value 10F 2.2F 4.7nF 10F 100pF 10k 10k 10 61.9k 51.1k 40.2k 2.21k 100k 60.4 Description Ceramic Cap., 25V, X7R Ceramic Cap., 50V, X7R Ceramic Cap., 50V, X7R Ceramic Cap., 16V X7R Ceramic Cap., 50V, NPO Not Stuffed Film Res., 5% Film Res., 5% Film Res., 5% Film Res., 1% Film Res., 1% Film Res., 1% Film Res., 1% Film Res., 5% Film Res., 1% Package 1210 1210 603 1206 603 603 603 805 805 603 603 603 603 603 603 603 603 603 603 SMD SOT-23 SOT-363 SOD-323 SOD-123 SOD-323 Manufacturer TDK TDK TDK TDK TDK Panasonic Panasonic Panasonic Panasonic Panasonic Panasonic Panasonic Panasonic Panasonic Panasonic Panasonic Panasonic Sumida Diodes Inc Diodes Inc Central Semiconductor Diodes Inc Central Semiconductor Any Any MPS Part Number C3225X7R1E106M C3225X7R1H225K C1608X7R1H472K C3216X7R1C106M C1608C0G1H101J ERJ-3GEYJ103V ERJ-6GEYJ103V ERJ-6GEYJ100V ERJ-3EKF6192V ERJ-3EKF5112V ERJ-3EKF4022V ERJ-3EKF2211V ERJ-3GEYJ104V ERJ-3EKF60R4V ERJ-3GEYJ153V ERJ-3EKF4991V ERJ-3GEY0R00V CDR7D43MN-330 MMBT3904-7-F MMDT3904-7-F CMSZ1L8 BZT52C6V8-7 CMDZ2L2
15k Film Res., 5% 4.99k Film Res., 1% 0 Film Res., 5% Not Stuffed 33H Inductor, 2.2A Transistor, NPN, 40V, 350mW Transistor, Dual NPN, 40V, 200mA Diode Zener, 1.8V Diode Zener, 6.8V Diode Zener, 2.2V Connector Header, 4P, 2mm Connector Header, 8P, 2mm DC-DC Converter
SO-8
MP6001DN
EV6001DN-00D Rev. 1.0 9/5/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
3
EV6001DN-00D - WLED DRIVER EVALUATION BOARD
LED BOARD BILL OF MATERIALS (continued)
Qty 6 Ref R1 - R6 LED6 - LED10 LED16 - LED20 LED26 - LED30 LED36 - LED40 LED46 - LED50 LED56 - LED60 LED61 - LED90 LED1 - LED5 LED11 - LED15 LED21 - LED25 LED31 - LED35 LED41 - LED45 LED51 - LED55 CN1 Value Description 10 Film Res., 5% Package 805 Manufacturer Panasonic Part Number ERJ-6GEYJ100V
60
White LED, Surface Mount
603
LITE-ON Inc
LTW-C191TS5
30
0
Film Res., 5%
603
Panasonic
ERJ-3GEY0R00V
1
Connector Header, 8 Pin, 2mm
Any
EV6001DN-00D Rev. 1.0 9/5/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
4
EV6001DN-00D - WLED DRIVER EVALUATION BOARD
PRINTED CIRCUIT BOARD LAYOUT
Figure 1--LED Board Top Silk Layer
Figure 2--LED Board Top Layer
Figure 3--LED Board Bottom Silk Layer
Figure 4--LED Board Bottom Layer
EV6001DN-00D Rev. 1.0 9/5/2006 www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
5
EV6001DN-00D - WLED DRIVER EVALUATION BOARD
Figure 5--Evaluation Board Top Silk Layer
Figure 6--Evaluation Board Top Layer
Figure 7--Evaluation Board Bottom Silk Layer
Figure 8--Evaluation Board Bottom Layer
QUICK START GUIDE
1. Connect the LED board to the WLED driver following the pinout. 2. Preset power supply output to 7V to 21V and turn off the power supply. 3. Connect the positive terminal of the power supply output to VIN pin, and the negative terminal of the power supply output to GND pin. 4. Turn power supply on and the board will automatically startup. 5. To use Enable function, apply a digital input to EN pin. Drive EN with 2.5V-5V to turn off the regulator, and drive EN less than 0.7V to turn it on. 6. To use Dim function, apply a 1KHz PWM signal to DIM pin (High > 4V - 5V, Low < 0.5V). Change the duty cycle to adjust the brightness level.
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications.
EV6001DN-00D Rev. 1.0 9/5/2006 www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
6


▲Up To Search▲   

 
Price & Availability of EV6001DN-00D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X