Part Number Hot Search : 
ADUC8 N5277 3296Y253 18NK60 KDZ24V BU931ZPF RS606M 85HFR80M
Product Description
Full Text Search
 

To Download EMIF04-MMC02F2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EMIF04-MMC02F2
4 LINES EMI FILTER INCLUDING ESD PROTECTION
IPADTM
MAIN PRODUCT CHARACTERISTICS: Where EMI filtering in ESD sensitive equipment is required: MultiMedia Card for mobile phones, Personal Digital Assistant, Digital Camera, MP3 players... DESCRIPTION The EMIF04-MMC02 is a highly integrated devices designed to suppress EMI/RFI noise for MultiMedia Card port. The EMIF04 flip chip packaging means the package size is equal to the die size. This filter includes an ESD protection circuitry which prevents the device from destruction when subjected to ESD surges up 15kV. BENEFITS EMI symmetrical (I/O) low-pass filter High efficiency in EMI filtering Lead free package Very low PCB space consuming: 1.57 mm x 2.07 mm Very thin package: 0.65 mm High efficiency in ESD suppression High reliability offered by monolithic integration High reducing of parasitic elements through integration & wafer level packaging. COMPLIES WITH THE FOLLOWING STANDARDS: IEC61000-4-2 Level 4 15kV (air discharge) 8kV (contact discharge)
Flip-Chip (11 Bumps) Table 1: Order Code Part Number EMIF04-MMC02F2
Marking FH
Figure 1: Pin Configuration (ball side)
3
I1 I2 I3 I4
2
O1 VD2 VD1 GND
1 A
O2 O3 O4
B C D
Figure 2: Configuration
VD2 VD1
R20 R1 I1 I2 I3 I4 R4 R2 R3
R10 O1 (Data) O2 (CLK) O3 (CMD) O4
Cline = 20pF max.
GND
TM: IPAD is a trademark of STMicroelectronics.
April 2005
REV. 2
1/7
EMIF04-MMC02F2
Table 2: Absolute Ratings (Tamb = 25C)) Symbol PR Tj Top Tstg Parameter and test conditions DC power per resistor Maximum junction temperature Operating temperature range Storage temperature range Value 70 125 - 40 to + 85 - 55 to + 150 Unit mW C C C
Table 3: Electrical Characteristics (Tamb = 25C) Symbol VBR IRM VRM VCL Rd IPP RI/O Cline Parameter Breakdown voltage Leakage current @ VRM Stand-off voltage Clamping voltage Dynamic impedance Peak pulse current Series resistance between Input & Output Input capacitance per line Test conditions IR = 1 mA VRM = 3V @ 0V Tolerance 5% Tolerance 5% Tolerance 5% 47 13 56 Min. 6 100 500 20 Typ. Max. Unit V nA pF k k
Symbol VBR IRM Cline R1,R2,R3,R4 R10 R20
2/7
EMIF04-MMC02F2
Figure 3: S21 (dB) attenuation measurement and Aplac simulation
EMIF04-MMC02F2: Aplac vs measurement (C3/C1 line)
0.00 dB - 5.00 - 10.00
Figure 4: Crosstalk measurements
Xtalk measurements C3/B1
0.00 dB -10.00 -20.00
Simulation
- 15.00 - 20.00 - 25.00 - 30.00 - 35.00
Measurement
-30.00 -40.00 -50.00 -60.00
- 40.00 - 45.00 - 50.00 1.0M 3.0M 10.0M 30.0M 100.0M f/Hz 300.0M 1.0G 3.0G
-70.00 -80.00 1.0M
3.0M
10.0M
30.0M
100.0M 300.0M f/Hz
1.0G
3.0G
Figure 5: ESD response to IEC61000-4-2 (+15kV air discharge) on one input V(in) and on one output (Vout)
Figure 6: ESD response to IEC61000-4-2 (-15kV air discharge) on one input V(in) and on one output (Vout)
V(in)
V(in)
V(out)
V(out)
Figure 7: Junction capacitance versus reverse voltage applied (typical values)
C(pF)
20 18 16 14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 VR(V) 2.5 3.0 3.5 4.0
F=1MHz Vosc=30mVRMS Tj=25C
3/7
EMIF04-MMC02F2
Figure 8: Aplac model device structure
B2 C2
R20 R1 A3 R2 B3 C3 D3 MODEL = demif04 R3 R4
R10 A2 B1 C1 D1 MODEL = demif04
MODEL = demif04_gnd
120pH
100m
D2
DEMIF04 BV = 7 IBV = 1m CJO = Cz M = 0.3333 RS = 1 VJ = 0.6 TT = 100n
DEMIF04 gnd BV = 7 IBV = 1m CJO = Cz_gnd M = 0.3333 RS = 1 VJ = 0.6 TT = 100n
Figure 9: Aplac model connections
D2 Cins A3 Lbump Cins Rins Rbump B3 B1 Rins Cins Rins Rins Cins A2
R1 47 opt R2 47 R3 47 R4 47 R10 13k R20 56k Cz 15pF opt Cz_gnd 45pF opt Ls 450pH opt Rs 300m Rbump 50m Lbump 50pH lhole 940pH opt Rhole 100m cap_hole 0.15pF Cins 200fF Rins 10Meg
Cins
Rins Lhole cap_hole Rins Rhole
Rins
Cins
C3 Cins
C1 Rins
Cins D1
D3 Rins Cins Rins
Cins
4/7
EMIF04-MMC02F2
Figure 10: Order Code
EMIF
EMI Filter Number of lines Information x = resistance value (Ohms) z = capacitance value / 10(pF) or 3 letters = application 2 digits = version Package F = Flip-Chip x = 1: 500m, Bump = 315m = 2: Leadfree Pitch = 500m, Bump = 315m = 3: Leadfree Pitch = 400m, Bump = 250m
yy
-
xxx zz
Fx
Figure 11: FLIP-CHIP Package Mechanical Data
500m 50 315m 50 650m 65
500m 50
1.57mm 50m
Figure 12: Foot Print Recommendations
2.07mm 50m
Figure 13: Marking
Dot, ST logo xx = marking z = packaging location yww = datecode (y = year ww = week)
545
400
545
Copper pad Diameter : 250m recommended , 300m max
E
Solder stencil opening : 330m
Solder mask opening recommendation : 340m min for 315m copper pad diameter
xxz y ww
100
230
All dimensions in m
5/7
EMIF04-MMC02F2
Figure 14: FLIP-CHIP Tape and Reel Specification
Dot identifying Pin A1 location 4 +/- 0.1 O 1.5 +/- 0.1
1.75 +/- 0.1 3.5 +/- 0.1
0.73 +/- 0.05
All dimensions in mm
Table 4: Ordering Information Ordering code EMIF04-MMC02F22 Marking FH Package Flip-Chip Weight 4.5 mg Base qty 5000 Delivery mode Tape & reel 7"
Note: More packing informations are available in the application note AN1235: "Flip-Chip: Package description and recommendations for use" AN1751: "EMI Filters: Recommendations and measurements"
8 +/- 0.3
ST E
ST E
ST E
xxz yww
User direction of unreeling
xxz yww
xxz yww
4 +/- 0.1
Table 5: Revision History Date 14-Oct-2004 06-Apr-2005 Revision 1 2 First issue. Minor layout update. No content change. Description of Changes
6/7
EMIF04-MMC02F2
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of EMIF04-MMC02F2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X