Part Number Hot Search : 
AN3385NK PS113 G4088 NJG155 D60NF55L MBRB20 MR2900 BC858B
Product Description
Full Text Search
 

To Download DTD114E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD DTD114E
NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input.
NPN SILICON TRANSISTOR
EQUIVALENT CIRCUIT
*Pb-free plating product number:DTD114EL
ORDERING INFORMATION
Order Number Normal Lead Free Plating DTD114E-AE3-R DTD114EL-AE3-R DTD114E-AL3-R DTD114EL-AL3-R Package SOT-23 SOT-323 Pin Assignment 1 2 3 G I O G I O Packing Tape Reel Tape Reel
MARKING
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 3
QW-R206-043,B
DTD114E
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
NPN SILICON TRANSISTOR
PARAMETER SYMBOL RATING UNIT Supply Voltage VCC 50 V Input Voltage VIN -10~+40 V Output Current IOUT 500 mA Power Dissipation PD 200 mW Junction Temperature TJ 150 C Storage Temperature TSTG -55 ~ +150 C Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL SPECIFICATIONS (Ta=25C, unless others specified)
SYMBOL VIN(OFF) Input Voltage VIN(ON) Output Voltage VOUT(ON) Input Current IIN Output Current IOUT(OFF) DC Current Gain hFE Input Resistance R1 Resistance Ratio R2/R1 Transition Frequency fT *Transition frequency of the device PARAMETER TEST CONDITIONS VCC =5V, IOUT =100A VOUT =0.3V, IOUT =10mA IOUT/IIN =50mA/2.5mA VIN=5V VCC =50V, VIN =0V VOUT =5V, IOUT =50mA MIN 3 0.1 0.3 0.88 0.5 13 1.2 TYP MAX 0.5 UNIT V V mA A k MHz
56 7 0.8
VCE =10V, IE =-50mA, f=100MHz
10 1 200
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 3
QW-R206-043,B
DTD114E
TYPICAL CHARACTERISTICS
NPN SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
Output Voltage, VOUT(ON) (mV)
DC Current Gain, hFE
3 of 3
QW-R206-043,B


▲Up To Search▲   

 
Price & Availability of DTD114E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X