Part Number Hot Search : 
BD00FC 2SC3065 1414626 856278 34404 A7BW99AA LB1408 01915
Product Description
Full Text Search
 

To Download DL4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
DL4001 THRU DL4007
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
MELF
Cathode Mark
Glass Passivated Junction Low Current Leakage Metalurgically Bonded Construction Surface Mount Applications
Maximum Ratings
* * * Operating Temperature: -65C to +150C Storage Temperature: -65C to +150C Maximum Thermal Resistance; 30C/W Junction To Lead Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
DIM A B C INCHES MIN .185 .018 .095
MCC Part Number
Device Marking
Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V
C
DL4001 DL4002 DL4003 DL4004 DL4005 DL4006 DL4007
-------------------------------------------
B
A
DIMENSIONS MM MIN 4.70 0.46 2.40
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1.0A TA = 75C Current Peak Forward Surge IFSM 30A 8.3ms, half sine Current Maximum 1.1V IFM = 1.0A; Instantaneous VF Forward Voltage TJ = 25C* Maximum DC Reverse Current At IR 5.0A TJ = 25C Rated DC Blocking 50A TJ = 125C Voltage Typical Junction CJ 12pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 2%
MAX .205 .022 .105
MAX 5.20 0.56 2.67
NOTE Nominal
SUGGESTED SOLDER PAD LAYOUT
.220"
.115"
.035"
www.mccsemi.com
DL4001 thru DL4007
Figure 1 Typical Forward Characteristics 20 10 6 4 1.0 2 Amps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 .2 Amps .4 .8 1.2 Figure 2 Forward Derating Curve
MCC
.6
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
DL4001 thru DL4007
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 T =100C A 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TA=25C Amps 60 50 40 30 20 10 5 0
MCC
Figure 5 Peak Forward Surge Current
1
2
4
6
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of DL4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X