Part Number Hot Search : 
ICL323 6DQ6B 75N60 1N2228 5HF12 LTC1701 M19264 IP117AR
Product Description
Full Text Search
 

To Download DI104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DI101
THRU
DI107
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
DB-1
+
FEATURES
* Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * High surge current capability * Polarity: marked on body * Mounting position: Any * Weight: 1.0 grams
.255(6.5) .245(6.2)
~ ~
.350(8.9) .300(7.6) .365(9.3) .355(9.0) .135(3.4) .115(2.9)
.020 (0.5)
.165(4.2) .155(3.9)
.060 1.5
.205(5.2) .195(5.0)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=40 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=125 C
DI101 50 35 50
DI102 100 70 100
DI103 200 140 200
DI104 400 280 400 1.0 50 1.1 10
DI105 600 420 600
DI106 800 560 800
DI107 1000 700 1000
UNITS V V V A A V mA mA C C
-65 -65
500 +125 +150
RATING AND CHARACTERISTIC CURVES (DI101 THRU DI107)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
50
AVERAGE FORWARD CURRENT,(A)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, (mA)
10
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0
20
40
60
80
100 120 140
FORWARD VOLT AGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of DI104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X