Part Number Hot Search : 
K3090 RT214615 ZR39160 RM302730 PT27314 00BB70M SI4411 IPL10020
Product Description
Full Text Search
 

To Download CCM02-MKI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Smart Card
CCM02-MKI/MKII
W
ith more than 500,000 mating cycles, our exclusive landing technology extends the interconnect life, by having only a minimal contact wiping action. Integrating the ultra-low profile sealed switch, the MKII is the most compact long lasting solution. SMT versions are pick and place compatible.
Applications: * Point-of-Sales (POS) Terminal
* Transaction * ID Security * Computer Peripherals
For more information: www.ittcannon.com/cat209
Product Features
CCM02 MKI CCM02 MKII
* * Normally open sealed switch. * Standard or narrow design. * Extended cover option on narrow design.
8 through hole contacts.
* 8 through hole or SMT contacts. * Normally open sealed switch. * Space saving design. * 500,000 operations. * Designed according to EMV#.
CCM02 MKI Normally open, Sealed against dust 1 N min./10 N max. 10 N max. 100,000 mating cycles min. 10 A min./1 A max. 750 V ac rms min. 0.15 N min./0.35 N max. 1,000 M min. 100 m max. 8 -40C to 85C (-40F to 185F) 100 m max. 1 mA min./10 mA max. 250 V ac rms min. 0.2 VA max. CCM02 MKII Normally open, Sealed against dust 1 N min./10 N max. 10 N max. 500,000 mating cycles min. 10 A min./1 A max. 750 V ac rms min. 0.25 N min./0.5 N max. 1,000 M min. 100 m max. 8 -40C to 85C (-40F to 185F) 100 m max. 1 mA min./10 mA max. 250 V ac rms min. 0.2 VA max.
Performance Specifications
Smart Card
Card Detection Switch Card Extraction Force Card Insertion Force Connector Durability Contact Current Rating Contact Dielectric Strength Contact Force Contact Insulation Resistance Contact Resistance Number of Circuits Operating Temperature Switch Contact Resistance Switch Current Rating Switch Dielectric Strength Card Detection Switch Switch Power
Materials and Finishes
Description Contact Insulator Card Detection Switch Spring CCM02 MKI Copper Alloy; Contact Area: Gold over Nickel Thermoplastic, UL 94V-0 Stainless Steel and Copper Alloy Stainless Steel CCM02 MKII Copper Alloy; Contact Area: Inlay High Temp. Thermoplastic, UL 94V-0 Stainless Steel and Copper Alloy Stainless Steel
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
# Trademark of EMVCo LLC.
Dimensions are shown in mm (inch) Dimensions subject to change
T-02
Version 05.01.03
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of CCM02-MKI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X