Part Number Hot Search : 
RN1244 GBPC35 7809A 13N50 GBPC35 27A1226 2SA1201 1A470
Product Description
Full Text Search
 

To Download CC0805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MULTILAYER CERAMIC CAPACITORS
CC Series
X7R
16V TO 100V
DATA SHEET
Product specification - Aug. 13, 2003 V.06 Supersedes Date of Jun. 19, 2003
2
Surface Mount Multilayer Ceramic Capacitors
CC
SERIES
X7R, 16V to 100V
8
SCOPE This specification describes Yageo CC X7R series chip capacitors. ORDERING INFORMATION Part number is identified by the series, size, tolerance, packing style, temperature coefficient, rated voltage and capacitance value.
CC x x x x x x X7R x BB x x x
(1) (2) (3) (4) (5)
CONSTRUCTION
terminations
(1) SIZE - INCH BASED (METRIC)
0402 (1005) 0603 (1608) 0805 (2012) 1206 (3216) 1210 (3225) 1812 (4532)
Fig. 1 Surface mounted multilayer ceramic capacitor construction
electrodes
MLB457
ceramic material
(2) TOLERANCE
J = 5% K = 10%
DIMENSION
For dimension see Table 1
(3) PACKING STYLE
R = 7" paper tape K = 7" blister tape P = 13" paper tape F = 13" blister tape C = Bulk case
Fig. 2 Surface mounted multilayer ceramic capacitor dimension
T
W
L2
L4 L1
L3
MBB211
Table 1 TYPE L1 (mm) W (mm) T (mm) L2/L3 (mm) L4 (mm) min. max. min. max. min. CC0402
1. 00.05 0.50.05 0.45 0.55 0.15 0.30 0.40
CC0603
1.60.10 0.73 0.87 0.20 0.60 0.40
CC0805
2.00.10 0.50 1.35 0.25 0.75 0.55
CC1206
3.20.15 1.60.15 0.50 1.35 0.25 0.75 1.40
CC1210
3.20.20 2.50.20 0.50 1.80 0.25 0.75 1.40
CC1812
4.50.20 3.20.20 0.50 1.80 0.25 0.75 2.20
(4) RATED VOLTAGE
7 = 16V 8 = 25V 9 = 50V 0 = 100V
0.80.07 1.250.10
(5) CAPACITANCE VALUE:
First two for significant figures and 3rd for number of zero Letter "R" for decimal point
www.yageo.com Aug. 13, 2003 V.06
3
Surface Mount Multilayer Ceramic Capacitors
CC
SERIES
X7R, 16V to 100V
8
CAPACITANCE RANGE & THICKNESS FOR 16V & 25V
Table 2 CAPACITANCE (nF) 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1,000
1.250.1 1.150.1 0.850.1 0.850.1 0.850.1 0.5 to 1.0 1.150.1 0.80.07 0.60.1 0.850.1 0.50.05 0.80.07
16V 0402
0603
0805
1206
25V 0402
0.50.05
0603
0805
1206
1210
0.60.1
www.yageo.com Aug. 13, 2003 V.06
4
Surface Mount Multilayer Ceramic Capacitors
CC
SERIES
X7R, 16V to 100V
8
CAPACITANCE RANGE & THICKNESS FOR 50V & 100V
Table 3 CAPACITANCE (nF) 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1,000
1.2 to 1.75 0.850.1 0.5 to 1.0 0.5 to 1.0 0.850.1 0.850.1 0.80.07 0.60.1 0.850.1 0.60.1 0.50.05
50V 0402
0603
0805
1206
0.60.1
1210
1812
100V 0805
1206
1210
1812
0.850.1
1.150.1
1.150.1
0.9 to 1.3 0.9 to 1.3 0.9 to 1.3 0.9 to 1.3
www.yageo.com Aug. 13, 2003 V.06
5
Surface Mount Multilayer Ceramic Capacitors
CC
SERIES
X7R, 16V to 100V
8
THICKNESS CLASSES AND PACKING QUANTITY
Table 4 THICKNESS CLASSIFICATION (mm) 0.50.05 0.60.10 0.80.07 0.850.10 0.5 to 1.0 0.9 to 1.3 1.150.10 1.250.10 1.2 to 1.75 8mm TAPE WIDTH / AMOUNT PER REEL O180mm, 7" Paper Blister
10,000 4,000 4,000 4,000 ------------------4,000 3,000 3,000 3,000 ---
12mm TAPE WIDTH / AMOUNT PER REEL O180mm, 7" Blister 1812
--------2,000 1,500 ----1,000
AMOUNT PER BULK CASE 0402
50,000 -----------------
O330mm, 13" Paper Blister
50,000 20,000 15,000 15,000 ------------------10,000 10,000 10,000 10,000 ---
0603
----15,000 -------------
0805
--10,000 --8,000 ------5,000 ---
ELECTRICAL CHARACTERISTICS
Table 5 CHARACTERISTICS Operation temperature range Temperature characteristic/coefficient (TC) Capacitance tolerance Dissipation factor (Tan d) Insulation resistance (IR) Dielectric withstanding Voltage TEST CONDITIONS
--With respect to 20C within operation temperature range 1Vrms/1KHz at 20C 1Vrms/1KHz at 20C At Ur (rated voltage) for 1 minute At 2.5xUr (for Ur100V) 1.5xUr+100V for 5sec
REQUIREMENT
-55C to +125C 15% 5%, 10% 25V, 50V &100V; 2.5% 16V; 3.5% C10nF; Rins 10G C>10nF; Rins x C500s No breakdown
www.yageo.com Aug. 13, 2003 V.06
6
Surface Mount Multilayer Ceramic Capacitors
CC
SERIES
X7R, 16V to 100V
8
TAPING REEL
Table 6 TAPE WIDE OA (mm) OB (mm) OD (mm) OC (mm) W (mm) Tmax (mm) 8mm
180 621.5 20.5 12.750.15/-0 8.4+1.5/-0 14.4
8mm
330 621.5 20.5 12.750.15/-0 8.4+1.5/-0 14.4
12mm
180 621.5 20.5 12.750.15/-0 12.4+2/-0 18.4
handbook, full pagewidth
T
D
C
B
A
W
MSA284_b
Fig. 3 Reel dimension
For dimension see Table 6
PAPER TAPE SPECIFICATION
Table 7 DIMENSION A (mm) B (mm) W (mm) E (mm) F (mm) P0 (mm) P1 (mm) P2 (mm) OD0 (mm) T (mm) 0402
0.620.05 1.120.05 8.00.2 1.750.1 3.50.05 40.05 20.05 20.05 1.5+0.1 0.60.05
For dimension see Table 7
0603
1.100.05 1.900.05 8.00.2 1.750.1 3.50.05 40.05 40.1 20.05 0.950.05
0805
1.650.05 2.40.05 8.00.2 1.750.1 3.50.05 40.05 40.1 20.05 0.950.05
1206
2.00.1 3.50.1 8.00.2 1.750.1 3.50.05 40.05 40.1 20.05 1.5+0.1/-0 0.950.05
A cover tape T D0 P2
P0
E
F B
W
MBG251_a
P1
Fig. 4 Paper tape dimension
1.5+0.1 1.5+0.1/-0
BLISTER TAPE SPECIFICATION
Table 8 DIMENSION A (mm) B (mm) W (mm) E (mm) F (mm) P0 (mm) P1 (mm) P2 (mm) OD0 (mm) Tmax (mm) 0805
0.20 0.20 8.10.2 1.750.1 3.50.05 40.1 40.1 20.05 3.5
1206
0.30 0.30 8.10.2 1.750.1 3.50.05 40.1 40.1 20.05 3.5
1210
0.30 0.30 8.10.2 1.750.1 3.50.05 40.1 40.1 20.05 3.5
1812
0.40 0.40 12.00.2 1.750.1 5.50.05 40.1 80.1 20.05 1.5+0.1/-0 3.5
For dimension see Table 8
P0 D0 P2 E
cover tape B
F
W
MBG516_a
A T P1 direction of unreeling
D1
1.5+0.1/-0 1.5+0.1/-0 1.5+0.1/-0
Fig. 5 Leader/trailer tape dimension
www.yageo.com Aug. 13, 2003 V.06
7
Surface Mount Multilayer Ceramic Capacitors
CC
SERIES
X7R, 16V to 100V
8
PACKING METHOD LEADER/TRAILER TAPE SPECIFICATION
leader end
cover tape only
trailer end
empty compartments with cover tape
120
40 mm
trailer (max. 260 mm)
leader
400 mm
MEA529 - 2
Fig. 6 Leader and trailer tape dimension
METHOD OF MOUNTING For normal use the capacitors may be mounted on printed-circuit boards or ceramic substrates by applying wave soldering, reflow soldering (including vapor phase soldering) or conductive adhesive in accordance with CECC 00802 classification A.
Typical values (sold line) Process limits (dotted lines)
300 10 s 260 C 245 C 215 C 200 180 C 40 s 10 s
MLA859
T
(C) 250
150
130 C
100 2 K/s 50
0 0 50 100 150 200 t (s) 250
Fig. 7 Recommended reflow soldering profile
Typical values (sold line) Process limits (dotted lines) The capacitors may be soldered twice in accordance with this method if desired
300 10 s
MLA861
T
(C) 250 235 C to 260 C second wave
200
first wave
5 K/s 2 K/s
150
200 K/s
100 C to 130 C 100
forced cooling
50
2 K/s
0 0 50 100 150 200 t (s) 250
Fig. 8 Recommended wave soldering profile
www.yageo.com Aug. 13, 2003 V.06
8
Surface Mount Multilayer Ceramic Capacitors
CC
SERIES
X7R, 16V to 100V
8
TEST AND REQUIREMENT
Table 9 IEC384-10 4.9 4.10 4.11 4.12 TEST ITEMS
Bending Resistance to soldering heat Solderability Rapid change of temperature
CONDITIONS
Bending rate 1mm/s, jig. radius 340mm 2605C for 100.5s in static solder bath 2355C for 20.5s in a static solder bath Preconditioning -55C to +125C, 5cycles Preconditioning
REQUIREMENTS
C/C10% -5%C/C10% 75% minimum coverage of metallic area C/C within 15% C/C within 15% Tan 7% IR500M or RxC25s whichever is less C/C within 20% Tan 7% IR1,000M or RxC50s whichever is less
4.14
Damp heat
At 40C, 90 to 95% RH and Ur applied (max. 500V) for 500 hours Preconditioning
4.15
Endurance
2xUr applied for 1,000 hours, at upper category temperature
www.yageo.com Aug. 13, 2003 V.06


▲Up To Search▲   

 
Price & Availability of CC0805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X