Part Number Hot Search : 
FQB9N25 SB10W05P 27FR2 3D7444 AK2573 AD9752 DS2406V NKT226
Product Description
Full Text Search
 

To Download BYV28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV28/...
Vishay Telefunken
Ultra Fast Silicon Mesa Rectifiers
Features
D D D D D
Controlled avalanche characteristic Low forward voltage Ultra fast recovery time Glass passivated junction Hermetically sealed package
Applications
Very fast rectifier e.g. for switch mode power supply
94 9588
Absolute Maximum Ratings
Tj = 25_C Parameter Peak reverse voltage, g non repetitive Test Conditions Type BYV28/50 BYV28/100 BYV28/150 BYV28/200 BYV28/50 BYV28/100 BYV28/150 BYV28/200 Symbol VRSM VRSM VRSM VRSM VR=VRRM VR=VRRM VR=VRRM VR=VRRM IFSM IFRM IFAV ER Tj=Tstg Value 55 110 165 220 50 100 150 200 90 25 3.5 20 Unit V V V V V V V V A A A mJ
Reverse voltage g =Repetitive peak reverse voltage
Peak forward surge current
tp=10ms, half sinewave
Repetitive peak forward current Average forward current Pulse energy in avalanche mode, I(BR)R=0.6A, Tj=175C non repetitive (inductive load switch off) Junction and storage temperature range
-65...+175
C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions l=10mm, TL=constant on PC board with spacing 37.5mm Symbol RthJA RthJA Value 25 70 Unit K/W K/W
Document Number 86044 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
BYV28/...
Vishay Telefunken Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Reverse current Test Conditions IF=5A IF=5A, Tj=175C VR=VRRM VRSM VR=VRRM, Tj=165C IF=0.5A, IR=1A, iR=0.25A Type Symbol VF VF IR IR IR trr Min Typ Max 1.1 0.89 1 100 150 30 Unit V V
mA mA mA
ns
Reverse recovery time
Characteristics (Tj = 25_C unless otherwise specified)
R thJA - Therm. Resist. Junction / Ambient ( K/W ) 40 I FAV- Average Forward Current ( A ) 4
30
3
20
l
l
2 VR RM RthJA=27K/W fv200kHz l=20mm
10 TL=constant 0 0 5 10 15 20 25 30 l - Lead Length ( mm )
1
0 0
94 9546
40
80
120
160
200
94 9548
Tamb - Ambient Temperature ( C )
Figure 1. Max. Thermal Resistance vs. Lead Length
Figure 3. Max. Average Forward Current vs. Ambient Temperature
1000 I R - Reverse Current ( mA )
4 I FAV- Average Forward Current ( A ) VR RM RthJA=70K/W fv200kHz PC Board
3
100 Scattering Limit 10
2
1
1 VR = VR RM 0 40 80 120 160 200
0 0
94 9545
0.1 40 80 120 160 200
94 9547
Tamb - Ambient Temperature ( C )
Tj - Junction Temperature ( C )
Figure 2. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Reverse Current vs. Junction Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 86044 Rev. 2, 24-Jun-98
BYV28/...
Vishay Telefunken
100 IF - Forward Current ( A ) Tj =1 75C 10
1 Tj = 25C
0.1
0.01 0
94 9549
0.6
1.2
1.8
2.4
3.0
VF - Forward Voltage ( V )
Figure 5. Max. Forward Current vs. Forward Voltage
Dimensions in mm
Sintered Glass Case SOD 64 Weight max. 1.0 g Cathode Identification 4.3 max.
technical drawings according to DIN specifications
1.35 max.
26 min.
4.2 max.
26 min.
94 9587
Document Number 86044 Rev. 2, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
BYV28/...
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 86044 Rev. 2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of BYV28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X