Part Number Hot Search : 
R05012 PTM120 HMP8154 3000A 30030 KDR720UL E8870 MX7572T
Product Description
Full Text Search
 

To Download BDW93CFP01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BDW93CFP BDW94CFP
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
s
s
s s
s s
STMicroelectronics PREFERRED SALESTYPES MONOLITHIC DARLINGTON CONFIGURATION COMPLEMENTARY PNP - NPN DEVICES INTEGRATED ANTIPARALLEL COLLECTOR-EMITTER DIODE FULLY MOLDED INSULATED PACKAGE 2000 V DC INSULATION (U.L. COMPLIANT)
1 2
3
APPLICATIONS s LINEAR AND SWITCHING INDUSTRIAL EQUIPMENT DESCRIPTION The BDW93CFP is a silicon Epitaxial-Base NPN transistor in monolithic Darlington configuration mounted in TO-220FP fully molded insulated package. It is intented for use in power linear and switching applications. The complementary PNP type is the BDW94CFP.
T0-220FP
INTERNAL SCHEMATIC DIAGRAM
R1 Typ. = 10 K
R2 Typ. = 150
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter NPN PNP V CBO V CEO IC I CM IB P tot T stg Tj Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Collector Current Collector Peak Current Base Current Total Dissipation at T c 25 C
o
Value BDW93CFP BDW94CFP 100 100 12 15 0.2 33 -65 to 150 150
Unit
V V A A A W
o o
Storage Temperature Max. Operating Junction Temperature
C C
For PNP types voltage and current values are negative.
September 2001
1/4
BDW93CFP / BDW94CFP
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 3.8
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO I CEO I EBO Parameter Collector Cut-off Current (I E = 0) Collector Cut-off Current (I B = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CB = 100 V V CB = 100 V V CE = 80 V V EB = 5 V I C = 100 mA 100 T case = 150 o C Min. Typ. Max. 100 5 1 2 Unit A mA mA mA V
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V CE(sat) V BE(sat) h FE Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain
IC = 5 A I C = 10 A IC = 5 A I C = 10 A IC = 3 A IC = 5 A I C = 10 A IF = 5 A I F = 10 A IC = 1 A f = 1 MHz
I B = 20 mA I B = 100 mA I B = 20 mA I B = 100 mA V CE = 3 V V CE = 3 V V CE = 3 V 1000 750 100 1.3 1.8 V CE = 10 V 20
2 3 2.5 4 20000 2 4
V V V V
VF * h fe
Parallel-diode Forward Voltage Small Signal Current Gain
V V
Pulsed: Pulse duration = 300 s, duty cycle 1.5 % For PNP types voltage and current values are negative.
Safe Operating Area
2/4
BDW93CFP / BDW94CFP
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
H
F
G1
E F2
123 L2 L4
G
3/4
BDW93CFP / BDW94CFP
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of BDW93CFP01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X