Part Number Hot Search : 
CONDUCTO PP2600SA 7C038 TPS85007 GSRH4D28 MD2310FX DTC115G DTC115G
Product Description
Full Text Search
 

To Download BCM56514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM56514
(R)
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10 GbE/HiGig+TM PORTS
FEATURES * Fifth generation of StrataSwitch(R) and StrataXGS(R) product line * 24 10/100/1000 Mbps Ethernet ports supporting SGMII and
SerDes interfaces for both copper and fiber connections
SUMMARY OF BENEFITS * Highly scalable BroadScaleTM architecture evolved from five * * * * * * *
* The BCM56514 device, is a powerful, highly-integrated member
of the scalable StrataXGS III product family * 2.5 Gbps, 3 Gbps, 10 Gbps or 12 Gbps HiGig+ stacking ports * Four 10-GbE switching ports with CX4 support
* * * *
Line-rate switching for all packet sizes and conditions On-chip data packet memory and table memory IPv6 routing and tunneling
Advanced ContentAwareTM classification Filtering Processors (FP) * Advanced security features in hardware * Port-trunking and mirroring supported across stack
* Advanced packet flow control:
* Head-of-line blocking prevention * Back pressure support * Eight QoS queues per port with hierarchical minimum/ maximum shaping per Classes of Service (CoS) per queue per port * Standard compliant 802.1ad provider bridging
generations of switching experience provides rich features, scalability, and future proof solutions. Optimized for secure-switching and convergence of wired and wireless applications and services in networks Virtual chassis support with industry-leading high performance and feature rich stacking capabilities. System vendors can build scalable high-performance, high-port density GbE LAN switches in several form factors. Multiple CoS and low latency enable the support of VoIP and triple play services. Built-in high-speed serial interfaces with Broadcom-unique SerDes technology ease and accelerate system design, while reducing cost and conserving board space. Broadcom switch API compatibility enables software reuse and faster time-to-market. Small package and low power enables cost-effective and highperformance system design.
* Compatible with BCM5708S, the industry's first 2.5-Gbps
SerDes-based ToE solution.
24-Port Gigabit Ethernet Multilayer Switch
HiGig+
HiGig+
HiGig+
HiGig+
L2/IPv4/IPv6
Packet Buffer MMU
ContentAware FP
Security
PCI
10/100/1000 MACs
24 x GbE
OVERVIEW
BCM56514
BCM56514
BCM5836P
BCM56514 BCM5836P
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
BCM5464R
24 10/100/1000 + Two 10 GbE + Two HiGig+ Stackable
48 10/100/1000 + Two 10 GbE + Two HiGig+ Stackable
The BCM56514 is the fifth generation of the highly-integrated and costeffective StrataSwitch and StrataXGS product line. The BCM56514 is a single-chip solution with 24-GbE ports and four 10-GbE/HiGig+ uplink ports. The BCM56514 incorporates 24-GbE ports that can operate at 10/100/ 1000 Mbps. The uplink ports can operate in two modes: 10-GbE switching mode and HiGig+ uplink mode. The integrated 10-GbE switching ports are CX-4 compliant XAUITM interfaces. The HiGig+ uplink interface is used to connect to other StrataXGS devices in a larger stacking system or to the BCM56700/BCM5675 switch fabric via a backplane in a multi-slot redundant chassis system. With high integration and high-port density, the BCM56514 family is ideal for Enterprise applications in standalone, stackable, and chassis configurations applicable in the edge, aggregation, and core areas of the Enterprise. The BCM56514 is also ideal for embedded switch applications like Blade Server Switch, ATCA chassis, IPDSLAM, 3G Wireless Base Station, and others. The BCM56514 integrates sophisticated advanced L3 switching features for cost-effective highly manageable enterprise networks. The BCM56514 performs IPv6 routing and transition services in hardware, allowing IT managers to deploy L3 switches that are future-proof, highly manageable L3 networks to enable cost-effective transition from IPv4 to IPv6. The ContentAware classification feature of the StrataSwitch and StrataXGS has been further enhanced in the BCM56514 with unmatched
flexibility and programmability. The ContentAware engine can be used for applications such as policy-based routing, access control list, and dynamic adaptation to changes in virus threats. The BCM56514 has dedicated ContentAware classification processors to provide both classification and filtering. The BCM56514 has built-in security functions for highly-secure Enterprise networks including BroadShieldTM. Utilizing hardware-based identity management and authentication coupled with key management software that directs and manages clients, BroadShield Security provides exceptionally strong network security without impacting network performance. The BCM56514 integrates sophisticated metering, statistics, and traffic management features, optimizing the QoS in the Enterprise networks for voice, video, and data convergence. The BCM56514 also provides rateadjustable, hardware-based sFlow implementation and flexible multiplesession remote port-mirroring functionality for efficient network management. The BCM56514 switch supports an I2C controller for communicating with external devices such as serial EEPROM, flash PROM memories, and parallel port devices. The BCM56514 also supports a serial interface for the MII management of physical layer devices. The BCM56514 switch interfaces to a host CPU via a 32-bit PCI bus running at up to 66 MHz. Bus mastering and advanced DMA is supported for efficient exchange of packet data between CPU memory and the BCM56514 switch.
Broadcom(R), the pulse logo, Connecting everything(R), StrataSwitch(R), StrataXGS(R), ContentAwareTM, BroadScaleTM, HiGig+ TM, and BroadSAFETM are trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries and/or the EU. Any other trademarks or trade names mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2006 by BROADCOM CORPORATION. All rights reserved. 56514-PB00-R 06/14/06
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM56514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X