Part Number Hot Search : 
PPEA3 IXFH9N80 AK8813P RL101 GP10N PNA2602 VN0104 KBPC35
Product Description
Full Text Search
 

To Download BCM5345M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5345M
(R)
24 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
FEATURES * Supports 24 Gigabit Ethernet ports in wirespeed operation * Gigabit Ethernet ports support RGMII interfaces to Standard
GE Transceivers
SUMMARY OF BENEFITS * Enables a new generation of lower-cost switches with Gigabit * * * * * * * * *
Ethernet connectivity and much smaller form factors. Complete switch on a chip integrates multilayer forwarding and filtering logic and internal ARL tables and packet buffering. Filters and forwards traffic at full wirespeed on all 24 ports at all layers of functionality. This equates to 48 Gbps of bandwidth. Provides the most cost-effective Gigabit Ethernet connectivity to the desktop for all remote and branch office as well as enterprise workgroup needs. Supports 8K internal MAC addresses so even large, segmented networks can be supported. Supports Quality of Service (QoS) for prioritization of different traffic types. Full support of VLANs allows separation of user groups and minimizes superfluous traffic. Jumbo frame support allows the device to be connected to corporate server farms and networks while maintaining maximum TCP/IP performance. Supports the latest standards used in corporate networks for discovery, management, access control, and traffic control. On-chip MIB registers allows the collection and transmission of statistics for each port and allows an upward migration path for corporate users.
* On-chip L2 search table supports 8K MAC addresses * Jumbo Frame support (9 Kbyte) * Supports 4K VLAN address and 802.1s Multiple Spanning
Tree protocol * Supports 802.1w Rapid Spanning Tree * Supports 802.1p and/or DiffServ with four priority queues * Supports 802.3ad link aggregation
* Supports selected MIB groups in RMON * Supports up to 256 IP multicast groups * Full-duplex and half-duplex operation with IEEE 802.3x flow
control and backpressure. * On-chip 512 Kbyte packet buffer memory with sophisticated buffer management. * Offers per-port rate control
* * * *
Supports 802.1x access control protocol Built in 32-bit, 33-MHz PCI bus interface Extremely low power consumption (4W) Packaged in 676-pin BGA
24 Gigabit Ethernet Ports for SOHO and Subnetwork Applications
PCs Gigabit Ethernet Uplink Copper or Fiber Printer
Cable/DSL/Wireless Router
Gigabit Ethernet Server
PCs IP Phones
OVERVIEW
O u t p ut Qu e ue i n g S h ar ed B u f f er B uf f e r Ma n ag er
MIB C o un t e rs
PCI I nt e rf a c e
To CPU
Tx FIFO
Rx FIFO
Se r i al to P a ra lle l
P ar al l e l to Se ri al
Ta bl e Man ag e m en t
P or t Man ag e r
L2 MA C Ta bl e
Rx FIFO
Rx FIFO
Rx FIFO
The Broadcom BCM5345M device is a highly integrated solution providing connectivity for 24 ports of Gigabit Ethernet. It combines all the functions of a high-speed switch system, including packet buffer, media access controllers, address management, and a nonblocking switch fabric as well as a CPU interface into a single 0.13 m CMOS device. It complies with IEEE 802.3, 802.3u, 802.3ab, and 802.3x specifications, including the MAC control, pause frame, and autonegotiation subsections, providing compatibility with all industrystandard Ethernet, Fast Ethernet, and Gigabit Ethernet devices.
The BCM5345M is ideal for applications such as Gigabit Ethernet workgroup switches, desktop switches, and data center switches. While configurations of 24 Gigabit Ethernet ports can be achieved with only one switch device, configurations of up to 48 ports can be built using multiple BCM5345M devices with aggregated Gigabit Ethernet links between them.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
Tx FIFO
Tx FIFO
Tx FIFO
V L AN Ta bl e G MA C G MAC G MA C
G-Port
G-Port
G-Port
The BCM5345M supports 24 Gigabit Ethernet ports in a single device with all ports in wirespeed operation. It offers 24 ports of RGMII (802.3ab, 1000BASE-T) interfaces with full-duplex operation at Gigabit Ethernet speed and full-duplex or half-duplex operation at 10/100 Mbps speed (using 10BASE-T/100BASE-T). It forwards Ethernet frames with lengths between 64 bytes and 9216 bytes based on L2 MAC address lookups in the 8k entry on-chip MAC address table with automatic learning and aging support. The device supports four levels of priority that can be either assigned from the 802.1p user priority bits or the TOS field for Differentiated Services. The device also supports MAC access control (802.1x) as well as port trunking (802.3ad). In addition, individual ports can be rate controlled in 16 steps down to 64 kbps.
The BCM5345M device offers an integrated PCI bus to support fully managed applications. All the required counters and frame trapping mechanisms as well as the DMA support are incorporated into the device.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 5345M-PB01-R 09/26/03
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5345M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X