Part Number Hot Search : 
X7R1C H732TM D2030 E2SAA18 2SC4774R S10ML1X 2SD1412 S1232
Product Description
Full Text Search
 

To Download BC847CW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC846AW/BW/CW BC847AW/BW/CW BC848AW/BW/CW
General Purpose Transistor NPN Silicon
COLLECTOR 3
3 1 2
1 BASE 2 EMITTER
SOT-323(SC-70)
M aximum R atings ( TA=25 C unless otherwise noted)
Rating Collector-Emitter Voltage BC846 BC847 BC848 BC846 BC847 BC848 BC846 BC847 BC848 Symbol VCEO Value 65 45 30 80 50 30 6.0 6.0 5.0 100 Unit Vdc
Collector-Base Voltage
VCBO VEBO
Vdc
Emitter-Base VOltage
Vdc
Collector Current-Continuous
IC
mAdc
Thermal Characteristics
Characteristics
Total Device Dissipation FR-5 Board (Note 1.)TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient (Note 1.) Junction and Storage, Temperature Range
Symbol PD R qJA TJ,Tstg
Max 150 2.4 833 -55 to +150
Unit mW mW/ C C/W C
Device Marking
BC846A=1A; BC846B=1B; BC847A=1E; BC847B=1F;BC847C=1G; BC848A=1J; BC848B;=1K; BC848C=1L; 1.FR-5=1.0 x 0.75 x 0.062 in.
WE ITR O N
http://www.weitron.com.tw
BC846AW/BW/CW BC847AW/BW/CW BC848AW/BW/CW
WE IT R ON
(TA=25 C Unless Otherwise noted)
Electrical Characteristics Off Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage BC846A Series BC847A Series (IC= 10mA) BC848A Series Collector-Emitter Breakdown Voltage BC846A Series (IC=10 uA ,VEB=0) BC847A Series BC848A Series Collector-Base Breakdown Voltage (IC=10 uA) Emitter-Base Breakdown Voltage (IE=1.0 uA) BC846A Series BC847A Series BC848A Series BC846A Series BC847A Series BC848A Series
V(BR)CEO
65 45 30 80 50 30 80 50 30 6.0 6.0 5.0 -
-
15 5.0
V
V(BR)CES
V
V(BR)CBO
V
V(BR)EBO
V
Collector Cutoff Current (VCB=30V) (VCB=30V, TA=150 C)
ICBO
nA mA
On Characteristics
DC Current Gain (IC= 10uA, VCE=5.0V) (IC= 2.0mA, VCE=5.0V) BC846A, BC847A, BC848A BC846B, BC847B, BC848B BC847C, BC848C hFE 110 200 420 580 90 150 270 180 290 520 -0.7 -0.9 660 220 450 800 0.25 0.6 700 770 -
BC846A, BC847A, BC848A BC846B, BC847B, BC848B BC847C, BC848C, Collector-Emitter Saturation Voltage (IC= 10mA, IB=0.5mA) (IC= 100mA, IB=5.0mA) Base-Emitter Saturation Voltage (IC= 10mA, IB=0.5mA) (IC= 100mA, IB=5.0mA) Base-Emitter On Voltage (IC= 2.0mA, VCE=5.0V) (IC= 10mA, VCE=5.0V)
VCE(sat)
V
VBE(sat)
V
VBE(on)
V
Small-signal Characteristics
Current-Gain-Bandwidth Product (IC= 10mA, VCE= 5.0Vdc, f=100MHz) Output Capacitance (VCB= 10V, f=1.0MHz) Noise Figure (IC= 0.2mA, VCE= 5.0Vdc, BC846A,B, BC847A,B,C, BC848A,B,C, Rs=2.0 k , f=1.0 kHz, BW=200Hz) fT Cobo NF 10 100 4.5 MHz pF dB
WEITRON
http://www.weitron.com.tw
BC846AW/BW/CW BC847AW/BW/CW BC848AW/BW/CW
WE IT R ON
BC847 & BC848 Series
1.0 VCE=10V TA=25 C 0.9 V, VOLTAGE (VOLTS) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 VCE(sat)@IC/BC=10 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 TA=25 C VBE(sat)@IC/BC=10 VBE(ON)@VCE= 10V
hFE,NORMALIZED DC CURRENT GAIN
2.0 1.5 1.0 0.8 0.6 0.4 0.3 0.2
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
0 0.1
IC, COLLECTOR CURRENT (mAdc) Figure1.Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
Firure2. "Saturation" And "On" Voltage
qVB, TEMPERATURE COEFFICIENT (mV/ C)
VCE, COLLECTOR- EMITTER VOLTAGE (V)
2.0
1.0 1.2 1.6 2.0 2.4 2.8 -55 C to +125 C
TA=25 C
1.6 IC= 200mA 1.2 IC= 10mA IC= 100mA
0.8
IC=-50mA IC= 20mA
0.4
0
0.02
0.1
1.0
10
20
0.2
IB, BASE CURRENT (mA) Figure 3. Collector Saturation Region
1.0 10 IC, COLLECTOR CURRENT (mA)
100
Figure 4. Base-Emitter Temperature Coefficient
10 7.0 C,CAPACITANCE (pF) 5.0 Cib TA=25 C
fT, CURRENT-GAIN-BANDWIDTH PRODUCT (MHz)
400 300 200 VCE=10V TA= 25 C 100 80 60 40 30 20 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50
3.0 2.0 Cob
1.0 0.4
0.6 0.8 1.0
2.0
4.0
6.0 8.0 10
20
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitances
IC, COLLECTOR CURRENT (mAdc)
Figure 6. Current-Gain- Bandwidth Product
WEITRON
http://www.weitron.com.tw
BC846AW/BW/CW BC847AW/BW/CW BC878AW/BW/CW
WE IT R ON
BC846 Series
1.0 TA=25 C 0.8 VBE(sat)@IC/IB=10 V,Voltage (Volts) 0.6 0.4 0.2 VCE(sat)@IC/IB=10 0 VBE@VCE=-5.0V
hFE, DC CURRENT GAIN (NORAMALIZED)
VCE=5V TA=25 C 2.0 1.0 0.5 0.2 0.1 0.2 1.0 10 100
IC, COLLECTOR CURRENT (mA)
0.2
0.5
Figure 7.DC Current Gain
1.0 2.0 5.0 10 20 50 IC, COLLECTOR CURRENT(mA)
100
200
Figure 8. "ON" Voltage
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
TA=25 C 1.6 20mA 50mA 100mA 200mA
qVB TEMPERATURE COEFFICIENT (mV/ C)
2.0
1.0
1.4
1.2
1.8
qVB for VBE -55 C to 125 C
0.8
2.2
0.4
IC= 10mA 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20
2.6
0 0.02
3.3
0.2
0.5
1.0
-2.0
5.0
10
20
50
100
200
IB, BASE CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
40 TA=25 C Cib 10 8.0 6.0 4.0 2.0 0.1 Cob
fT, CURRENT-GAIN-BANDWIDTH PRODUCT
500
VCE=5.0V TA=25 C
C. CAPACTIANCE (pF)
20
200 100 50 20 1.0 5.0 10 50 100
0.2
0.5
1.0
2.0
5.0
10
20
50
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 11. Capacitance
Figure 12.Current-Gain-Bandwidth Product
IC, COLLECTOR CURRENT (mA)
http://www.weitron.com.tw
WEITRON


▲Up To Search▲   

 
Price & Availability of BC847CW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X