Part Number Hot Search : 
3DU15L 0J100 VW2X30 3DU15L CP2012 5B17AG FS0202BA MC908JL
Product Description
Full Text Search
 

To Download BC817-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC817-16/BC817-25 BC817-40
General Purpose Transistor NPN Silicon
COLLECTOR 3
3 1 2 SOT-23
1 BASE 2 EMITTER
M aximum R atings ( TA=25 C unless otherwise noted)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current-Continuous Symbol VCEO VCBO VEBO IC Value 45 50 5.0 500 Unit Vdc Vdc Vdc mAdc
Thermal Characteristics
Characteristics
Total Device Dissipation FR-5 Board (Note 1.)TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient (Note 1.) Total Device Dissipation Alumina Substrate, (Note 2.) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient (Note 2.) Junction and Storage, Temperature Range
Symbol PD R qJA PD R qJA TJ,Tstg
Max 225 1.8 556 300 2.4 417 -55 to +150
Unit mW mW/ C C/W mW mW/ C C/W C
Device Marking
BC817-16=6A, BC817-25=6B, BC817-40=6C 1.FR-5=1.0 x 0.75 x 0.062 in. 2.Alumina=0.4 x 0.3 x 0.024 in. 99.5% alumina
WE ITR O N
http://www.weitron.com.tw
BC817-16/BC817-25 BC817-40
WE IT R ON
(TA=25 C Unless Otherwise noted)
Electrical Characteristics Off Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage (IC= 10mA) Collector-Emitter Breakdown Voltage (IC=10 A ,VEB=0) Emitter-Base Breakdown Voltage (IE=1.0 A) Collector Cutoff Current (VCB=20V) (VCB=20V, TA=150 C)
V(BR)CEO V(BR)CES V(BR)EBO ICBO
45 50 5.0 -
-
100 5.0
V V V nA mA
On Characteristics
DC Current Gain (IC= 100mA, VCE=1.0V) BC817-16 BC817-25 BC817-40 (IC= 500mA, VCE=1.0V) Collector-Emitter Saturation Voltage (IC= 500mA, IB=50mA) Base-Emitter On Voltage (IC= 500mA, VCE=1.0V) VCE(sat) hFE 100 160 250 40 0.7 V 250 400 600 -
VBE(on)
-
-
1.2
V
Small-signal Characteristics
Current-Gain-Bandwidth Product (IC= 10mA, VCE= 5.0Vdc, f=100MHz) Output Capacitance (VCB= 10V, f=1.0MHz) fT Cobo 100 10 MHz pF
WEITRON
http://www.weitron.com.tw
BC817-16/BC817-25 BC817-40
1000 hFE , DC CURRENT GAIN VCE = 1 V TJ = 25 C
100
10 0.1
1.0 10 100 IC, COLLECTOR CURRENT (AMP)
1000
Figure 1. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS )
1.0 TJ = 25 C 0.8 0.6 0.4 0.2 0 0.01 IC = 10 mA 100 mA 300 mA 500 mA V, VOLTAGE (VOLTS)
1.0 TA = 25 C 0.8 0.6 0.4 0.2 VCE(sat) @ I C/I B = 10 0.1 1 10 IB , BASE CURRENT (mA) 100 0 1 10 100 IC, COLLECTOR CURRENT (mA) 1000 VBE(sat) @ IC/IB = 10 VBE(on) @ VCE = 1 V
Figure 2. Saturation Region
Figure 3. "On" V oltages
q V, TEMPERATURE COEFFICIENTS (mV/ C)
+1 VC for VCE(sat) C, CAPACITANCE (pF)
100
0
-1
-2
1
10 100 IC, COLLECTOR CURRENT (mA)
Figure 4. T emperature Coefficients
WEITRON
http://www.weitron.com.tw
q
q
Cib 10
VB for VBE
Cob
1000
1 0.1
1 10 VR, REVERSE VOLTAGE (VOLTS)
100
Figure 5. Capacitances
BC817-16/BC817-25 BC817-40
SOT-23 Package Outline Dimension
S OT -23
A
TOP VIEW D E G H
B
C
K J L M
Dim A B C D E G H J K L M
Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076
Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of BC817-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X