Part Number Hot Search : 
2SK354 ICX434AQ N5392A MMSZ5226 TDA3303 MC74LVX BC857BT TF1001A
Product Description
Full Text Search
 

To Download BC817-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
BC817-16 THRU BC817-40
NPN Small Signal Transistor 310mW
SOT-23
A D
l Ideally Suited for Automatic Insertion l 150oC Junction Temperature l For Switching and AF Amplifier Applications l Epitaxial Planar Die Construction
Mechanical Data
l Case: SOT-23, Molded Plastic l Terminals: Solderable per MIL-STD-202, Method 208 l Polarity: See Diagram
l Weight: 0.008 grams ( approx.) l Marking: BC817-16 6A
BC817-25 BC817-40 6B
F E
C
B
6C
G H J
Maximum Ratings @ 25oC Unless Otherwise Specified
Charateristic Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Peak Emitter Current Power Dissipation@T s=50 C(Note1) Operating & Storage Temperature
o
Symbol Value VCEO 45 VEBO IC ICM IEM Pd 5 800 1000 1000 310
Unit V V mA mA mA mW
o
DIM A B C D E F G H J K INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 DIMENSIONS MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
Tj, TSTG -55~150
2
C
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Note: 1. Device mounted on Ceramic Substrate 0.7mm X 2.5cm area
.035 .900
Suggested Solder Pad Layout
.031 .800
.079 2.000
inches mm
.037 .950 .037 .950
www.mccsemi.com
BC817-16 thru BC817-40
Electrical Characteristics
Characteristic DC Current Gain Current Gain Group -16 -25 -40 Current Gain Group -16 -25 -40 @25C unless otherwise specified Symbol Min 100 160 250 60 100 170 -- -- -- -- -- -- 100 -- Max 250 400 600 -- -- -- 320 400 0.7 1.2 100 5.0 100 -- 12 Unit
MCC
Test Condition VCE = 1.0V, IC = 100mA -- VCE = 1.0V, IC = 300mA
hFE
Thermal Resistance, Junction to Substrate Backside Thermal Resistance, Junction to Ambient Air Collector-Emitter Saturation Voltage Base-Emitter Voltage Collector-Emitter Cutoff Current Emitter-Base Cutoff Current Gain Bandwidth Product Collector-Base Capacitance
RGSB RGJA VCE(SAT) VBE ICES IEBO fT CCBO
K/W K/W V V nA A nA MHz pF
Note 1 Note 1 IC = 500mA, IB = 50mA VCE = 1.0V, IC = 300mA VCE = 45V VCE = 25V, Tj = 150C VEB = 4.0V VCE = 5.0V, IC = 10mA, f = 50MHz VCB = 10V, f = 1.0MHz
www.mccsemi.com
BC817-16 thru BC817-40
MCC
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of BC817-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X