Part Number Hot Search : 
HE84770 ADC206 U06P40PT BZX84C12 C5346 16C85 AS001 F0512
Product Description
Full Text Search
 

To Download BB133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
VHF Variable Capacitance Diode
FEATURES * Excellent linearity * Excellent matching to 0.7% DMA * Very small plastic SMD package * C28: 2.5 pF; ratio: 16. * Low series resistance. APPLICATIONS * Electronic tuning in VHF television tuners, band B up to 460 MHz * VCO. DESCRIPTION The BB133 is a variable capacitance diode fabricated in planar technology, and encapsulated in the SOD323 very small plastic SMD package. The excellent matching performance is achieved by gliding matching and a direct matching assembly procedure. The unmatched type, BB150 has the same specification.
1
BB133
2
SOD- 323
MARKING DIAGRAM
P3 1 CATHODE 2 ANODE
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL PARAMETER MIN. MAX. continuous reverse voltage - 30 VR IF continuous forward current - 20 Tstg storage temperature -55 +150 Tj operating junction temperature -55 +125
UNIT V mA C C
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL IR rs Cd Cd( 0.5V ) Cd (28V ) capacitance matching Cd Cd Note 1. VR is the value at which Cd = 30 pF. VR = 0.5 to 28 V; in a sequence of 4 diodes (gliding) VR= 0.5 to 28 V; in a sequence of 15 diodes (gliding) - 2 % - 0.7 % PARAMETER reverse current diode series resistance diode capacitance capacitance ratio CONDITIONS VR = 30 V; see Fig.2 VR = 30 V; Tj = 85 C; see Fig.2 f = 100 MHz; note 1 VR = 0.5 V; f = 1 MHz; see Figs 1 and 3 VR = 28 V;f = 1 MHz; see Figs 1 and 3 f = 1 MHz MIN. - - - 38 2.2 14 MAX. UNIT 10 200 0.9 46 2.6 21 nA nA pF pF
BB133-1/2
LESHAN RADIO COMPANY, LTD.
BB133
f = 1 MHz; Tj = 25 C.
Fig.1 Diode capacitance as a function of reverse voltage; typical values.
Tj = 0 to 85 C.
Tj C.
VR (V).
Fig.2 Reverse current as a function of junction temperature; maximum values.
Fig.3 Temperature coefficient of diode capacitance as a function of reverse voltage; typical values.
BB133-2/2


▲Up To Search▲   

 
Price & Availability of BB133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X