Part Number Hot Search : 
FODB100 IS25C 1N6047A SSC2156 130006 4R7M10 3362R203 AA8361
Product Description
Full Text Search
 

To Download BB1020DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL BB1020DT
SCSI Termination Resistor network Low Voltage Differential (LVD)
DISCRIPTION Model BB1020DT is a SCSI LVD termination network designed to terminate high performance SPI-2 (Ultra2) and SPI-3 (Ultra3) bused applications. Wide SCSI bus applications can be terminated with three BB1020DT networks and a linear regulator IC. For use in high-speed SCSI bus applications, the BB1020DT utilizes thick film resistors on a ceramic substrate with ball grid array (BGA) terminals. Resistors and solder balls reside on the same side of the ceramic substrate, resulting in the absolute minimum stray capacitance and inductance. FEATURES
* * * * * SPI-2 (Ultra2) and SPI-3 (Ultra3) compliant Each network contains LVD termination for up to 9 lines Superior high frequency performance Minimal stray capacitance and inductance Surface mountable with automatic pick and place equipment
SCHEMATIC
R1 = 475 (18 places) R2 = 121 (9 places)
ELECTRICAL1
Resistance Nominal (R1 & R2) Absolute Tolerance Temperature Coefficient of Resistance (TCR) Interlead Capacitance, Maximum Operating Temperature Range Power Rating (per network @ 70C) 475, 121 1% 100 ppm/C 0.1 pF -55C to +125C 1 Watt
1
Specifications subject to change without notice.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
June 14, 2006
Website: www.bitechnologies.com
page 1 of 2
BI technologies
MODEL BB1020DT
MECHANICAL
Solder Ball Finish (for non-RoHS) Solder Ball Co-planarity Substrate Material Resistor Material SnPbAg 10/88/2 0.15 mm Al2O3 Cermet
3
ORDERING INFORMATION2
BB1020DT7 BB1020DTLF7 BB1020DT13 BB1020DTLF13
Reel Size (inches) 7 7 13 13
Quantity/Reel 1000 1000 4000 4000
RoHS compliant No Yes No Yes
OUTLINE DRAWING
Units: inches / (mm)
APPLICATION NOTES
2 3
Contact our customer service for custom designs and features. Preliminary release date is Q3 2006.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
June 13, 2006
Website: www.bitechnologies.com
page 2 of 2
BI technologies


▲Up To Search▲   

 
Price & Availability of BB1020DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X