Part Number Hot Search : 
FZT790A 78MXX LBS06501 STTH112A 2SD19 S3HP606L 05S30 CHV37H68
Product Description
Full Text Search
 

To Download BAX14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D176
BAX14 General purpose diode
Product specification Supersedes data of April 1996 1996 Sep 17
Philips Semiconductors
Product specification
General purpose diode
FEATURES * Hermetically sealed leaded glass SOD27 (DO-35) package * Switching speed: max. 50 ns * General application * Continuous reverse voltage: max. 20 V * Repetitive peak reverse voltage: max. 40 V * Repetitive peak forward current: max. 2 A. APPLICATIONS * Low-voltage switching * Rectifier applications * Low-voltage stabilizing.
The diode is type branded.
BAX14
DESCRIPTION The BAX14 is a general purpose switching diode fabricated in planar technology, and encapsulated in the hermetically sealed leaded glass SOD27 (DO-35) package.
handbook, halfpage k
a
MAM246
Fig.1 Simplified outline (SOD27; DO-35) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM VR IF IFRM IFSM PARAMETER repetitive peak reverse voltage continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current square wave; Tj = 25 C prior to surge; see Fig.4 t = 1 s t = 100 s t = 10 ms Ptot Tstg Tj Note 1. Device mounted on an FR4 printed circuit-board; lead length 10 mm. total power dissipation storage temperature junction temperature Tamb = 25 C; note 1 - - - - -65 - 55 15 9 450 +200 200 A A A mW C C see Fig.2; note 1 CONDITIONS MIN. - - - - MAX. 40 20 500 2000 V V mA mA UNIT
1996 Sep 17
2
Philips Semiconductors
Product specification
General purpose diode
ELECTRICAL CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL VF PARAMETER forward voltage see Fig.3 IF = 1 mA IF = 300 mA IR reverse current see Fig.5 VR = 20 V VR = 20 V; Tj = 150 C Cd trr diode capacitance reverse recovery time f = 1 MHz; VR = 0; see Fig.6 when switched from IF = 30 mA to IR = 30 mA; RL = 100 ; measured at IR = 3 mA; see Fig.7 - - - - 100 100 35 50 520 750 600 1000 CONDITIONS MIN. MAX.
BAX14
UNIT mV mV nA A pF ns
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on a printed circuit-board without metallization pad. PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient CONDITIONS lead length 10 mm lead length 10 mm; note 1 VALUE 240 375 UNIT K/W K/W
1996 Sep 17
3
Philips Semiconductors
Product specification
General purpose diode
GRAPHICAL DATA
BAX14
handbook, halfpage
500 IF 400
MBG455
handbook, halfpage
600
MBG462
(mA)
IF (mA)
(1) (2) (3)
400 300
200 200 100
0 0 100 Tamb (oC) 200
0 0 (1) Tj = 175 C; typical values. (2) Tj = 25 C; typical values. (3) Tj = 25 C; maximum values. 1 VF (V) 2
Device mounted on an FR4 printed-circuit board; lead length 10 mm.
Fig.2
Maximum permissible continuous forward current as a function of ambient temperature.
Fig.3
Forward current as a function of forward voltage.
102 handbook, full pagewidth IFSM (A)
MBG702
10
1
10-1 1 Based on square wave currents. Tj = 25 C prior to surge. 10
102
103
tp (s)
104
Fig.4 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
1996 Sep 17
4
Philips Semiconductors
Product specification
General purpose diode
BAX14
107
handbook, full pagewidth
MBG696
IR (nA) 106
105
104
103
102
10
0
100
Tj (oC)
200
VR = 20 V. Solid line; maximum values. Dotted line; typical values.
Fig.5 Reverse current as a function of junction temperature.
MGD003
handbook, halfpage
40
Cd (pF) 30
20
10
0 0 10 20 VR (V) 30
f = 1 MHz; Tj = 25 C.
Fig.6
Diode capacitance as a function of reverse voltage; typical values.
1996 Sep 17
5
Philips Semiconductors
Product specification
General purpose diode
BAX14
handbook, full pagewidth
tr D.U.T. 10% SAMPLING OSCILLOSCOPE R i = 50 VR 90%
tp t
RS = 50 V = VR I F x R S
IF
IF
t rr t
(1)
MGA881
input signal
output signal
(1) IR = 3 mA.
Fig.7 Reverse recovery voltage test circuit and waveforms.
1996 Sep 17
6
Philips Semiconductors
Product specification
General purpose diode
PACKAGE OUTLINE
BAX14
ndbook, full pagewidth
0.56 max 1.85 max 25.4 min 4.25 max 25.4 min
MLA428 - 1
Dimensions in mm.
Fig.8 SOD27 (DO-35).
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Sep 17
7


▲Up To Search▲   

 
Price & Availability of BAX14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X