Part Number Hot Search : 
MC100LV SN74AUC CNZ1021 A1014 A3517LUA CXG1047F 1N5257 ADUM3440
Product Description
Full Text Search
 

To Download BAV99LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Dual Series Switching Diode
1 ANODE 3 CAHODE/ANODE 2 CATHODE
BAV99LT1
3
1 2
DEVICE MARKING
CASE 318-08, STYLE 11
BAV99LT1 = A7
SOT-23 (TO-236AB)
MAXIMUM RATINGS (EACH DIODE)
Rating Reverse Voltage Forward Current Peak Forward Surge Current Repetitive Peak Reverse Voltage Average Rectified Forward Current (1) (averaged over any 20 ms period) Repetitive Peak Forward Current Non-Repetitive Peak Forward Current t = 1.0 s t = 1.0 ms t = 1.0 S Symbol VR IF I FM(surge) V RRM I F(AV) I FRM I FSM Value 70 215 500 70 715 450 2.0 1.0 0.5 Symbol PD Max 225 1.8 R JA PD 556 300 2.4 R JA T J , T stg 417 -65 to +150 Unit mW mW/C C/W mW mW/C C/W C Unit Vdc mAdc mAdc V mA mA A
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board, (1) T A = 25C Derate above 25C Thermal Resistance Junction to Ambient Total Device Dissipation Alumina Substrate, (2) T A = 25C Derate above 25C Thermal Resistance Junction to Ambient Junction and Storage Temperature
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted) (EACH DIODE)
Characteristic Symbol V (BR) IR Min 70 -- -- -- -- -- -- -- -- -- -- Max -- 2.5 30 50 1.5 715 855 1000 1250 6.0 1.75 Unit Vdc Adc
OFF CHARACTERISTICS
Reverse Breakdown Voltage(I (BR) = 100 A) Reverse Voltage Leakage Current (V R = 70 Vdc) (V R = 25 Vdc, T J = 150C) (V R = 70 Vdc, T J = 150C) Diode Capacitance (V R = 0, f = 1.0 MHz) Forward Voltage (I F = 1.0 mAdc) (I F = 10 mAdc) (I F = 50 mAdc) (I F = 150 mAdc) Reverse Recovery Time (I F = I R = 10 mAdc, i R(REC) = 1.0 mAdc, R L = 100 ) (Figure 1) Forward Recovery Voltage (I F = 10 mA, t r = 20 ns) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
CD V
F
pF mVdc
t rr V FR
ns V
G7-1/2
LESHAN RADIO COMPANY, LTD.
BAV99LT1
+10 V 820 2.0 k 0.1F tr t t IF t rr t
p
100 H
IF
10%
0.1 F
50 OUTPUT PULSE GENERATOR
D.U.T.
50 INPUT SAMPLING OSCILLOSCOPE
90%
i
R(REC)
= 1.0 mA
INPUT SIGNAL VR
IR
OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i R(REC) = 1.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 10mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10mA. Notes: 3. t p t rr
Figure 1. Recovery Time Equivalent Test Circuit
CURVES APPLICABLE TO EACH DIODE
100 10
I F , FORWARD CURRENT (mA)
T A = 85C
10
I R , REVERSE CURRENT (A)
T A = 150C
1.0
T A = 125C
T A = - 40C
0.1
T A = 85C T A = 55C
1.0
T A = 25C
0.01
0.1 0.2 0.4 0.6 0.8 1.0 1.2
0.001 0 10
T A = 25C
20 30 40 50
V F , FORWARD VOLTAGE (VOLTS)
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
0.68
C D ,TOTAL CAPACITANCE (pF)
0.64
0.60
0.56
0.52 0 2 4 6 8
V R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
G7-2/2


▲Up To Search▲   

 
Price & Availability of BAV99LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X