Part Number Hot Search : 
15SMC68A 40150 KA22136 H5N5015 14W07 BZV85130 MSZ5237 PE44437
Product Description
Full Text Search
 

To Download BAS16W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Switching Diode
BAS16W, BAS19W, BAS20W, BAS21W
Voltage: 75 - 200 Volts Power: 200 mWatts
COMCHIP
www.comchiptech.com
Features
Fast SwitchingSpeed Surface Mount Package Ideally Suited for Automatic Insertion Electrically Identical to Standard JEDEC High Conductance
SOT-323
.087 (2.2) .070 (1.8)
.016 (.40)
Top View
.054 (1.35) .045 (1.15)
Mechanical data
Case: SOT -23, Plastic Terminals : Solderable per NIL-STD -202, method 208 Approx. Weight: 0.008 gram
SINGLE
3
1
2
.004 (0.1) max.
.006 (0.15) .002 (0.05)
.056(1.4) .047(1.2)
.016 (.40)
.016 (.40) max.
.087 (2.2) .078(2. 0)
Dimensions in inches (millimeters)
BAS16W, BAS19W, BAS20W, BAS21W
Maximum Ratings and Electrical Characterics
Ratings at 25C ambient temperature unless otherwise specif ied. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Parameter Symbol BAS16W BAS19W VR Reverse Voltage 75 100 Peak Reverse Voltage Rectified Current (Average), Half W ave Rectification with Resistive Load and f >=50 Hz Peak Forward Surge Current, 8.3ms single half sinewave superimposed on rated load (JEDEC method) Power Dissipation Derate Above 25C Maximum Forward Voltage @ I F=10mA @ I F=100mA Maximum DC Reverse Current at Rated DC Block ing Voltage TJ= 25C Typical Junction Capacitance (Notes1) Maximum Reverse Recovery (Notes2) Maximum Thermal Res istance Storage Temperature Range NOTE: 1. CJ at VR=0, f=1MHZ 2. From I F=10mA to IR=1mA, V R=6Volts, RL=100? VRM IO IFSM PTOT VF IR CJ TRR R
JA
BAS20W 150 200 200 2.5 200 1.0 0.1 1.5 50.0
BAS21W 200 250 200 2.5 200 1.0 0.1 1.5 50.0
.044 (1.10) .035 (0.90)
UNITS V V mA A mW V uA pF nS C/W C
100 250 2.0 200 0.855 1.0 2.0 6.0
120 200 2.5 200 1.0 0.1 1.5 50.0 357
TJ
-55 to +125
MDS0304001A
Page 1
Surface Mount Switching Diode
Rating and Characteristic Curves
www.comchiptech.com
COMCHIP
100
10
TA=150OC
REVERSE CURRENT, mA
FORWARD CURRENT, mA
1.0
TA=125OC
10
0.1
TA=85 C
O
1.0
TA=55OC
0.01
TA=25 C
0.1 0.2 0.001 0.4 0.6 0.8 1.0 1.2 0 10 20 30 40 50
O
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
FORWARD VOLTAGE
FORWARD VOLTAGE
LEAKAGE CURRENT
LEAKAGE CURRENT
6.0
DIODE CAPACITANCE, pF
4.5
3.5
60 W
VRF=2V
2nF
5k W
Vo
1.5
0
0
2
4
6
8
RECTIFICATION EFFCIENCY MEASUREMENT CIRCUIT
REVERSE VOLTAGE, Volts
TYPICAL CAPATICANCE
TYPICAL CAPATICANCE
MDS0304001A
Page 2


▲Up To Search▲   

 
Price & Availability of BAS16W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X