Part Number Hot Search : 
74LCX11 4815D QF180 FQPF8N25 N5248 M62021 2SC3922 R13096
Product Description
Full Text Search
 

To Download AM2520SYC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM2520SYC03 SUPER BRIGHT YELLOW
Features
!SUBMINIATURE PACKAGE. !WIDE VIEWING ANGLE. !GULL WING. !LONG LIFE - SOLID STATE RELIABILITY. !LOW PACKAGE PROFILE. !PACKAGE : 1000PCS / REEL.
Description
The Super Bright Yellow source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: CDA0455 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/27/2001 DRAWN:M.F.CAI
PAGE: 1 OF 4
Selection Guide
Par t No . Dic e L en s Ty p e Iv (mc d ) @ 20 mA Mi n . AM2520SY C03 SUPER BRIGHT Y ELLOW (InGaAlP) WATER CLEAR 110 Ty p . 500 Viewin g An g le 21/2 20
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy m b o l peak D 1/2 C P ar am et er Peak Wavelength D ev i c e Super Bright Yellow Ty p . 590 Max . Un its nm Tes t Co n d it io n s IF=20mA
Dominate Wavelength
Super Bright Yellow
588
nm
IF=20mA
Spectral Line Halfwidth
Super Bright Yellow
28
nm
IF=20mA
Capacitance
Super Bright Yellow
25
pF
VF=0V;f=1MHz
VF IR
Forward Voltage Reverse Current
Super Bright Yellow Super Bright Yellow
2.0
2.5 10
V uA
IF=20mA V R = 5V
Absolute Maximum Ratings at TA=25C
P ar am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Su p er B r ig h t Yello w 125 30 175 5 -40C To +85C
Un its mW mA mA V
SPEC NO: CDA0455 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/27/2001 DRAWN:M.F.CAI
PAGE: 2 OF 4
Super Bright Yellow AM2520SYC03
SPEC NO: CDA0455 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/27/2001 DRAWN:M.F.CAI
PAGE: 3 OF 4
AM2520SYC03 SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: CDA0455 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/27/2001 DRAWN:M.F.CAI
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of AM2520SYC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X