Part Number Hot Search : 
M54537FP BT8060KC 2M62Z SY5PA 220203 KDR411 SE97TK B0512BA1
Product Description
Full Text Search
 

To Download AM2520SYC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM2520SYC03
SUPER BRIGHT YELLOW
Features
SUBMINIA TURE PACKAGE. WIDE VIEWING ANGLE. GULL WING LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Yellow device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAC2795 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: APR/05/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 4 ERP: 1202000714
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AM2520SYC03 SUPER BRIGHT YELLOW (InGaAlP) WATER CLEAR 110 Typ. 700 Viewing Angle 2 1/2 20
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Super Bright Yellow Typ. 590 588 28 25 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Yellow 125 30 150 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAC2795 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: APR/05/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 4 ERP: 1202000714
Super Bright Yellow
AM2520SYC03
SPEC NO: DSAC2795 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: APR/05/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 4 ERP: 1202000714
AM2520SYC03
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAC2795 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: APR/05/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 4 ERP: 1202000714


▲Up To Search▲   

 
Price & Availability of AM2520SYC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X