Part Number Hot Search : 
68HC7 GSW3809X FDS7064A DMN100 15100 RTF010 F070G01 NTE828
Product Description
Full Text Search
 

To Download AM2520SURC08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM2520SURC08
HYPER RED
Features
SUBMINIATURE PACKAGE. WIDE VIEWING ANGLE. YOKE LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1266 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: MAR/05/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 4 ERP:1202000698
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AM2520SURC08 HYPER RED (InGaAlP) WATER CLEAR 280 Typ. 1000 Viewing Angle 21/2 20
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 640 628 27 45 1.9 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 170 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1266 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: MAR/05/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 4 ERP:1202000698
Hyper Red
AM2520SURC08
SPEC NO: DSAD1266 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: MAR/05/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 4 ERP:1202000698
AM2520SURC08
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength),the condition as follows: 1.Wavelength: +/-1nm (Test condition is based on the sorting standard). 2.Luminous intensity: +/-15% (Test condition is based on the sorting standard). 3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard).
SPEC NO: DSAD1266 APPROVED: J. Lu
REV NO: V.2 CHECKED: Allen Liu
DATE: MAR/05/2005 DRAWN: W.J.ZHU
PAGE: 4 OF 4 ERP:1202000698


▲Up To Search▲   

 
Price & Availability of AM2520SURC08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X