Part Number Hot Search : 
BGA61408 BXXXXXX SZ4024 2N2222A SMBJ5 11HWA 184MH TSM2405S
Product Description
Full Text Search
 

To Download AM2520SURC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM2520SURC03
HYPER RED
Features
SUBMINIA TURE PACKAGE. WIDE VIEWING ANGLE. GULL WING LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAC3740 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/05/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 4 ERP:1202000697
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AM2520SURC03 HYPER RED (InGaAlP) WATER CLEAR 280 Typ. 1000 Viewing Angle 21/2 20
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 640 628 27 45 1.9 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 170 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAC3740 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/05/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 4 ERP:1202000697
Hyper Red
AM2520SURC03
SPEC NO: DSAC3740 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/05/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 4 ERP:1202000697
AM2520SURC03
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAC3740 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/05/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 4 ERP:1202000697


▲Up To Search▲   

 
Price & Availability of AM2520SURC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X