Part Number Hot Search : 
STW4102 AM29LV 1N5353BE 20F2GAH S593TXRW DL5242 FR3502 MSAU429
Product Description
Full Text Search
 

To Download AM2520SGD09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM2520SGD09
SUPER BRIGHT GREEN
Features
SUBMINIATURE PACKAGE. WIDE VIEWING ANGLE. Z-BEND LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAB7508 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/07/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 4 ERP:1202000647
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AM2520SGD09 SUPER BRIGHT GREEN (GaP) GREEN DIFFUSED 2.6 Typ. 10 Viewing Angle 21/2 40
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Super Bright Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR= 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Green 105 25 140 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAB7508 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/07/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 4 ERP:1202000647
Super Bright Green
AM2520SGD09
SPEC NO: DSAB7508 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/07/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 4 ERP:1202000647
AM2520SGD09
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength), the condition as follows: 1.Wavelength: +/-1nm (Test condition is based on the sorting standard). 2.Luminous intensity: +/-15% (Test condition is based on the sorting standard). 3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard).
SPEC NO: DSAB7508 APPROVED: J. Lu
REV NO: V.5 CHECKED: Allen Liu
DATE: MAR/07/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 4 ERP:1202000647


▲Up To Search▲   

 
Price & Availability of AM2520SGD09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X