Part Number Hot Search : 
MDSF1 40014 M2560 MBRB2 7139A T2001 18F6622 185N55
Product Description
Full Text Search
 

To Download AM2520SEC09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM2520SEC09 SUPER BRIGHT ORANGE
Features
OSUBMINIATURE PACKAGE. OWIDE VIEWING ANGLE. OZ-BEND LEAD.
Description
The Super Bright Orange device is made with DH InGaAlP (on GaAs substrate) light emitting diode chip.
OLONG LIFE - SOLID STATE RELIABILITY. OLOW PACKAGE PROFILE. ORoHS COMPLIANT. OPACKAGE : 1000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1284 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/O6/2005 DRAWN: S.H.CHEN
PAGE: 1 OF 4 ERP:1202000610
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. AM2520SEC09 SUPER BRIGHT ORANGE (InGaAlP) WATER CLEAR 480 Typ. 1300 Viewing Angle 2 1/2 20
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Typ. 610 601 29 30 2.0 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Orange 75 30 195 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1284 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/O6/2005 DRAWN: S.H.CHEN
PAGE: 2 OF 4 ERP:1202000610
Super Bright Orange
AM2520SEC09
SPEC NO: DSAD1284 APPROVED: J. Lu
REV NO: V.3 CHECKED: Allen Liu
DATE: APR/O6/2005 DRAWN: S.H.CHEN
PAGE: 3 OF 4 ERP:1202000610
AM2520SEC09
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. SPEC NO: DSAD1284 APPROVED: J. Lu REV NO: V.3 CHECKED: Allen Liu DATE: APR/O6/2005 DRAWN: S.H.CHEN PAGE: 4 OF 4 ERP:1202000610


▲Up To Search▲   

 
Price & Availability of AM2520SEC09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X