Part Number Hot Search : 
1212S 4ALVCH1 DFLZ27Q BD3930FP MJE5730U 620NM PWW6MS 00158
Product Description
Full Text Search
 

To Download AM2520SEC08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM2520SEC08 SUPER BRIGHT ORANGE
Features
!SUBMINIATURE PACKAGE. !WIDE VIEWING ANGLE. !YOKE LEAD. !LONG LIFE - SOLID STATE RELIABILITY. !LOW PACKAGE PROFILE. !PACKAGE : 1000PCS / REEL.
Description
The Super Bright Orange source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: CDA0464 APPROVED:J.LU
REV NO: V.1 CHECKED:
D i g i t a l l y s i g n e d b y Y A N G S H O U F E N c n = Y A N G S H O U F E N , o u = K I N G B R I H G T , o = 4 2 , c = U S D a t e : 2 0 0 1 . 1 0 . 3 1 1 8 : 4 3 : 4 5 + 0 8 '0 0 'R e a s o n : D o c u m e n t i s c e r t i f i e d
DATE: OCT/28/2001 DRAWN:M.F.CAI
PAGE: 1 OF 4
Selection Guide
Iv (mc d ) @ 20 mA Mi n . AM2520SEC08 SUPER BRIGHT ORANGE (InGaAlP) WATER CLEAR 500 Ty p . 1300 Viewin g An g le 21/2 20
Par t No .
Dic e
L en s Ty p e
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy m b o l peak D 1/2 C P ar am et er Peak Wavelength D ev i c e Super Bright Orange Ty p . 610 Max . Un its nm Tes t Co n d it io n s IF=20mA
Dominate Wavelength
Super Bright Orange
601
nm
IF=20mA
Spectral Line Halfwidth
Super Bright Orange
29
nm
IF=20mA
Capacitance
Super Bright Orange
30
pF
VF=0V;f=1MHz
VF IR
Forward Voltage Reverse Current
Super Bright Orange Super Bright Orange
2.0
2.5 10
V uA
IF=20mA V R = 5V
Absolute Maximum Ratings at TA=25C
P ar am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Su p er B r ig h t Or an g e 75 30 195 5 -40C To +85C
Un its mW mA mA V
SPEC NO: CDA0464 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/28/2001 DRAWN:M.F.CAI
PAGE: 2 OF 4
Super Bright Orange AM2520SEC08
SPEC NO: CDA0464 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/28/2001 DRAWN:M.F.CAI
PAGE: 3 OF 4
AM2520SEC08 SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: CDA0464 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/28/2001 DRAWN:M.F.CAI
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of AM2520SEC08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X