Part Number Hot Search : 
2902033 NCP81391 2N2223A N4936 MXP3003 S15JYD2 UPC8233 AQV212A
Product Description
Full Text Search
 

To Download A1405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A0805 SERIES 5-TAP 8-PIN DIP SA0805 SERIES 5-TAP 8-PIN SIP A1405 SERIES 5-TAP 8-PIN DIP A1410 SERIES 10-TAP 14-PIN DIP
FEATURES
! Economical cost, prompt delivery! ! Wide varieties of values ! Choice of 5 or 10 equally spaced taps ! TTL and DTL compatible ! Operating temperature: 0C to 70C ! Excellent for applications requiring high delay stability, fast rise times and no jitter, such as memory boards, disk drives, and signal processing
ACTIVE (DIGITAL) DELAY LINES
RESISTORS "CAPS & COILS "DELAY LINES
Wide selection of sizes!
RCD's digital delay lines have been designed to provide precise tap delays with all the necessary drive and pick-off circuitry. All inputs and outputs are schottky-type and require no additional components to achieve specified delays. Encapsulated/molded construction ensures full compliance to all applicable requirements of MIL-D-23859. Units are 100% inspected for solder joint integrity and electrical conformance.
TEST CONDITIONS @25C
1) Delay measured at 1.5V on leading edge only with no loads on output. 2) Rise time measured from 0.75V to 2.4V. 3) Delay will inversely vary approximately 4% for every 5% change in supply voltage. 4) Supply voltage (VCC) = 5.0.25VDC 5) Input test pulse: 3.2V, 2nS rise time, width>40% of total delay, pulse period to be a minimum of 3x the pulse width.
OPTIONS
! Non-standard delay times or tolerances ! Non-symmetrical tap delays ! Dynamic RAM timing delay ! Fast logic TTL available ! Faster rise times ! ECL, H-CMOS, and low power designs available ! Option T - Measurement at both leading and trailing edges ! Option ER - Ceramic IC's screened to MILSTD-883, -55 to +125C per MIL-D-83532 ! Option 39 - -40-+85C op. temp. Delay Per Tap (nSec) Total Delay A0805 SA080 A1410 A1405
20 25 30 40 50 60 75 100 125 150 175 200 250 300 350 400 450 500 750 1000 4 5 6 8 10 12 15 20 25 30 35 40 50 60 70 80 90 100 150 200 * * * * 5 6 7.5 10 12.5 15 17.5 20 25 30 35 40 45 50 75 100
TYPE A0805 (Available
20nS to 500nS)
.250 [6.35] Max. .018 [.457] Typ.
.500 [12.7] Max.
8 VCC .400 .300 1 [7.62] [10.2] Max. IN
Outputs 7263
5
[2.54]
Typ.
.100
.300 [7.62]
4 G Outputs 3456 1 VCC 2 IN
R
TYPE SA0805 (Available 20nS to 250nS)
.810 [20.6] Max.
7
.340 [8.64] Max. .150 [3.81] Typ. .020 [.51]
.180 [4.57] Max.
.018 [.457] Typ.
.100 [2.54]
Typ.
.010
8 G
R
[.254]
TYPE A1405 - Economy
(20nS to 1000nS)
.120 [3.05] Min.
TYPE A1405A
Auto Insertable Molded (20nS to 1000nS)-also avail. in .165" profile
TYPE A1410
(Available 50nS to 1000nS)
.280 [7.11] Max. .018
.800 [20.3] Max.

[.457] Typ.
.785 [19.9] Max.
.25 [6.35]
.300 [7.62] Max. .150 [3.81] Typ.

.020.003 [.5.076]
.100 [2.54] Typ. .050 [1.27] Typ.
.400 [10.2]
.100 [2.54]
.600.010 [12.7.254]
.280 [7.11]
.050 [1.27]
.300 [7.62]
.800 [20.3] Max.
.400 [10.2] Max.
.100 [2.54]

.010 [.254]

.300.01 [7.62.254]
12 4 10 6 8 OUT
.300.010 [7.62.254] 14 VCC IN 1 G 7
.800 [20.3] Max.
.600.010 [12.7.254]
.300.010 [7.62.254]
14 VCC 1 IN G 7
13 3 12 4 11 5 10 6 9
8 OUT
R
R
* Consult factory for availability.
ELECTRICAL CHARACTERISTICS
Total Delay Tolerance 5% or 2nS (whichever is greater) Tap Delay Tolerance 5% or 2nS (whichever is greater) Insulation Resistance 1000M min. Dielectric Strength 100V D C Rise Time 4nS max.
P/N DESIGNATION:
RCD Type Options: (leave blank if standard) ER, T, 39, or as assigned by RCD Total Delay Packaging: B=bulk (standard)
A1405
- 100nS - B
RCD Components Inc., 520 E. Industrial Park Dr., Manchester, NH, USA 03109 Tel: (603) 669-0054 Fax:(603) 669-5455 E-mail: sales@rcdcomponents.com www.rcdcomponents.com
FA specifications subject to change without notice


▲Up To Search▲   

 
Price & Availability of A1405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X