Part Number Hot Search : 
FCS06SG 25AA01 LM2423TE 67078 DC12V VICES SB3040PT DC12V
Product Description
Full Text Search
 

To Download 89PES32T8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 32-Lane 8-Port PCI Express(R) Switch
89PES32T8 Product Brief
Device Overview
The 89HPES32T8 is a member of the IDT PRECISETM family of PCI Express(R) switching solutions. The PES32T8 is a 32-lane, 8-port peripheral chip that performs PCI Express Packet switching with a feature set optimized for high performance applications such as servers, storage, and communications/networking. It provides connectivity and switching functions between a PCI Express upstream port and up to seven downstream ports and supports switching between downstream ports. High Performance PCI Express Switch - Thirty-two 2.5 Gbps PCI Express lanes - Eight switch ports - Upstream port configurable up to x8 - Downstream ports configurable up to x8 - Low-latency cut-through switch architecture - Support for Max Payload Size up to 2048 bytes - One virtual channel - Eight traffic classes - PCI Express Base Specification Revision 1.1 compliant Flexible Architecture with Numerous Configuration Options - Automatic per port link width negotiation to x8, x4, x2 or x1 - Automatic lane reversal on all ports - Automatic polarity inversion on all lanes - Ability to load device configuration from serial EEPROM
Features
Legacy Support - PCI compatible INTx emulation - Bus locking Highly Integrated Solution - Requires no external components - Incorporates on-chip internal memory for packet buffering and queueing - Integrates thirty-two 2.5 Gbps embedded SerDes with 8B/10B encoder/decoder (no separate transceivers needed) Reliability, Availability, and Serviceability (RAS) Features - Supports ECRC and Advanced Error Reporting - Internal end-to-end parity protection on all TLPs ensures data integrity even in systems that do not implement end-to-end CRC (ECRC) - Supports PCI Express Native Hot-Plug, Hot-Swap capable I/O - Compatible with Hot-Plug I/O expanders used on PC and server motherboards Power Management - Utilizes advanced low-power design techniques to achieve low typical power consumption - Supports PCI Power Management Interface specification (PCI-PM 1.1) * Supports device power management states: D0, D3hot and D3cold - Unused SerDes are disabled
Block Diagram
8-Port Switch Core / 32 PCI Express Lanes
Frame Buffer Route Table Port Arbitration Scheduler
Transaction Layer Data Link Layer
Transaction Layer Data Link Layer
Transaction Layer Data Link Layer
Multiplexer / Demultiplexer
Phy Logical Layer Phy Logical Layer Phy Logical Layer Phy Logical Layer
Multiplexer / Demultiplexer
Phy Logical Layer Phy Logical Layer Phy Logical Layer Phy Logical Layer
Multiplexer / Demultiplexer
Phy Logical Layer Phy Logical Layer Phy Logical Layer Phy Logical Layer
SerDes
SerDes
SerDes
SerDes
SerDes
SerDes
SerDes
SerDes
SerDes
SerDes
SerDes
SerDes
(Port 0)
(Port 1)
Figure 1 Internal Block Diagram
(Port 7)
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc.
1 of 2
(c) 2007 Integrated Device Technology, Inc.
February 8, 2007
IDT 89PES32T8 Product Brief
Testability and Debug Features - Ability to read and write any internal register via the SMBus Sixteen General Purpose Input/Output Pins - Each pin may be individually configured as an input or output - Each pin may be individually configured as an interrupt input - Some pins have selectable alternate functions Packaged in a 31mm x 31mm 500-ball BGA with 1mm ball spacing
Processor
Processor
North Bridge
Memory Memory Memory Memory
Product Description
x8
PES32T8
Utilizing standard PCI Express interconnect, the PES32T8 provides the most efficient fan-out solution for applications requiring high throughput, low latency, and simple board layout with a minimum number of board layers. It provides 16 GBps (128 Gbps) of aggregated, full-duplex switching capacity through 32 integrated serial lanes, using proven and robust IDT technology. Each lane provides 2.5 Gbps of bandwidth in both directions and is fully compliant with PCI Express Base specification 1.1. The PES32T8 is based on a flexible and efficient layered architecture. The PCI Express layers consist of SerDes, Physical, Data Link and Transaction layers. The PES32T8 can operate either as a store and forward or cut-through switch and is designed to switch memory and I/O transactions. It supports eight Traffic Classes (TCs) and one Virtual Channel (VC) with sophisticated resource management to enable efficient switching and I/O connectivity.
x4
PCI Express Slots
x4
x8
I/O 10GbE
x8
I/O 10GbE I/O SATA I/O SATA
Figure 2 I/O Expansion Application
8-port
7-port
6-port
5-port
4-port
PCIe x8
PCIe x8
PCIe x8
PCIe x8
x8 upstream
PES32T8
PES32T8
PES32T8
PES32T8
x4 x4
x4 x4
x4 x4
x8
x4
x4
x4
x4
x8
x8
x4
x4
x8
x8
x8
PCIe x4
X4 upstream
PES32T8
x4 x4 x4 x4 x4 x4 x4
Figure 3 Configuration Options
CORPORATE HEADQUARTERS 6024 Silver Creek Valley Road San Jose, CA 95138
for SALES: 800-345-7015 or 408-284-8200 fax: 408-284-2775 www.idt.com
for Tech Support: email: ssdhelp@idt.com phone: 408-284-8208
2 of 2
February 8, 2007


▲Up To Search▲   

 
Price & Availability of 89PES32T8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X