Part Number Hot Search : 
SR30150C GL3504 TN2130 BFY84 IRPLCFL6 LT3014 OPF396B T3904
Product Description
Full Text Search
 

To Download 4N32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
April 2007
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Features
High sensitivity to low input drive current Meets or exceeds all JEDEC Registered
tm
Description
The 4N29, 4N30, 4N31, 4N32, 4N33 have a gallium arsenide infrared emitter optically coupled to a silicon planar photodarlington.
Specifications
VDE 0884 approval available as a test option
- add option .300. (e.g., 4N29.300)
Applications
Low power logic circuits Telecommunications equipment Portable electronics Solid state relays Interfacing coupling systems of different potentials
and impedances
Packages
White Package (-M Suffix)
Schematic
6 1 6 1
ANODE 1
6 BASE
CATHODE 2
6 1
5 COLLECTOR
N/C 3
4 EMITTER
Black Package (No -M Suffix)
6 1 6 1
6 1
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Absolute Maximum Ratings (TA = 25C Unless otherwise specified.)
Symbol
TOTAL DEVICE TSTG TOPR TSOL PD EMITTER IF VR IF(pk) PD DETECTOR BVCEO BVCBO BVECO PD IC Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Collector Breakdown Voltage Detector Power Dissipation @ TA = 25C Derate above 25C Continuous Collector Current All All All All All 30 30 5 150 2.0 150 V V V mW mW/C mA Continuous Forward Current Reverse Voltage Forward Current - Peak (300s, 2% Duty Cycle) LED Power Dissipation @ TA = 25C Derate above 25C All All All All 80 3 3.0 150 2.0 mA V A mW mW/C Storage Temperature Operating Temperature Lead Solder Temperature Total Device Power Dissipation @ TA = 25C Derate above 25C Non M M Non M M All All -55 to +150 -40 to +150 -55 to +100 -40 to +100 260 for 10 sec 250 3.3 C mW mW/C C C
Parameter
Device
Value
Units
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 2
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Electrical Characteristics (TA = 25C Unless otherwise specified.)
Individual Component Characteristics Symbol Parameter
EMITTER VF IR C BVCEO BVCBO BVECO ICEO hFE Input Forward Voltage* Reverse Leakage Current* Capacitance* IF = 10mA VR = 3.0V VF = 0V, f = 1.0MHz - - - 30 30 5.0 - - 1.2 0.001 150 60 100 8 1 5000 1.5 100 - - - - 100 - V A pF V V V nA
Test Conditions
Min.
Typ.
Max.
Unit
DETECTOR Collector-Emitter Breakdown Voltage* IC = 1.0mA, IB = 0 Collector-Base Breakdown Voltage* Collector-Emitter Dark Current* DC Current Gain IC = 100A, IE = 0 VCE = 10V, Base Open VCE = 5.0V, IC = 500A Emitter-Collector Breakdown Voltage* IE = 100A, IB = 0
Transfer Characteristics Symbol Parameter
DC CHARACTERISTICS IC(CTR)
Test Conditions
Min.
Typ.
Max.
Unit
Collector Output Current*(1, 2) IF = 10mA, VCE = 10V, IB = 0 4N32, 4N33 4N29, 4N30 4N31 50 (500) 10 (100) 5 (50) IF = 8mA, IC = 2.0mA - - IF = 200mA, IC = 50mA, VCC = 10V IF = 200mA, IC = 50mA, VCC = 10V - - - - 1.0 1.2 5.0 S V - - - - - - mA (%)
VCE(SAT)
Saturation Voltage*(2) 4N29, 4N30, 4N32, 4N33 4N31
AC CHARACTERISTICS ton toff Turn-on Time Turn-off Time 4N32, 4N33 4N29, 4N30, 4N31 BW Bandwidth(3, 4)
- - -
- - 30
100 40 -
S kHz
Isolation Characteristics Symbol
VISO
Characteristic
Input-Output 4N32* 4N33* Isolation Voltage(5) 4N29, 4N30, 4N31, 4N32, 4N33
Test Conditions
II-O 1A, Vrms, t = 1min. VDC VDC VI-O = 500VDC VI-O = O, f = 1MHz
Min.
5300 2500 1500 - -
Typ.
- - - 1011 0.8
Max.
- - - - -
Units
Vac(rms) V pF
RISO CISO
Isolation Resistance(5) Isolation Capacitance(5)
Notes: * Indicates JEDEC registered data. 1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current with VCE @ 10V. 2. Pulse test: pulse width = 300s, duty cycle 2.0% . 4. IF adjusted to IC = 2.0mA and IC = 0.7mA rms. 5. The frequency at which IC is 3dB down from the 1kHz value. 6. For this test, LED pins 1 and 2 are common, and phototransistor pins 4, 5 and 6 are common.
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1 www.fairchildsemi.com 3
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Typical Performance Curves
Fig. 1 LED Forward Voltage vs. Forward Current (Black Package)
1.8 1.8
Fig. 2 LED Forward Voltage vs. Forward Current (White Package)
1.7
1.7
VF - FORWARD VOLTAGE (V)
1.6
VF - FORWARD VOLTAGE (V)
1.6
1.5
1.5
1.4 TA = -55C 1.3 TA = 25C
1.4 TA = -55C 1.3 TA = 25C 1.2 TA = 100C
1.2
1.1
TA = 100C
1.1
1.0 1 10 100
1.0 1 10 100
IF - LED FORWARD CURRENT (mA)
IF - LED FORWARD CURRENT (mA)
Fig.3 Normalized CTR vs. Forward Current (Black Package)
1.4 VCE = 5.0V TA = 25C 1.2 Normalized to IF = 10 mA 1.6
Fig.4 Normalized CTR vs. Forward Current (White Package)
VCE = 5.0V TA = 25C Normalized to IF = 10 mA
1.4
1.2 1.0
NORMALIZED CTR
NORMALIZED CTR
0 5 10 15 20
1.0
0.8
0.8
0.6
0.6
0.4
0.4 0.2
0.2
0.0
0.0 0 2 4 6 8 10 12 14 16 18 20
IF - FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
Fig. 5 Normalized CTR vs. Ambient Temperature (Black Package)
1.6 1.4
Fig. 6 Normalized CTR vs. Ambient Temperature (White Package)
1.4
IF = 5 mA
1.2 IF = 5 mA
NORMALIZED CTR
1.2 IF = 10 mA 1.0
NORMALIZED CTR
1.0 IF = 10 mA 0.8
0.8
0.6
IF = 20 mA
0.6
Normalized to IF = 10 mA TA = 25C
0.4 IF = 20 mA
Normalized to IF = 10 mA TA = 25C
0.4 -75 -50 -25 0 25 50 75 100 125
0.2 -60 -40 -20 0 20 40 60 80 100
TA - AMBIENT TEMPERATURE (C)
TA - AMBIENT TEMPERATURE (C)
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 4
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Typical Performance Curves (Continued)
Fig. 7 CTR vs. RBE (Unsaturated) (Black Package)
1.0 1.0
Fig. 8 CTR vs. RBE (Unsaturated) (White Package)
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
0.9 0.8 IF = 10 mA 0.7 IF = 5 mA 0.6 0.5 0.4 0.3 0.2 VCE= 5.0 V 0.1 0.0
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
0.9 0.8 IF = 20 mA 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 100 1000 IF = 5 mA IF = 10 mA VCE= 5.0 V
IF = 20 mA
10
100
1000
RBE- BASE RESISTANCE (k)
RBE- BASE RESISTANCE (k)
Fig. 9 CTR vs. RBE (Saturated) (Black Package)
1.0 1.0
Fig. 10 CTR vs. RBE (Saturated) (White Package)
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
0.9 VCE= 0.3 V 0.8 IF = 20 mA 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 100 1000 IF = 5 mA IF = 10 mA
0.9 VCE= 0.3 V 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 100 1000 IF = 5 mA IF = 10 mA IF = 20 mA
RBE- BASE RESISTANCE (k )
RBE- BASE RESISTANCE (k )
Fig. 11 Collector-Emitter Saturation Voltage vs Collector Current (Black Package)
VCE (SAT) - COLLECTOR-EMITTER SATURATION VOLTAGE (V)
100
Fig. 12 Collector-Emitter Saturation Voltage vs Collector Current (White Package)
VCE (SAT) - COLLECTOR-EMITTER SATURATION VOLTAGE (V)
100
TA = 25C 10
10
1
1 IF = 2.5 mA 0.1
IF = 2.5 mA 0.1
0.01
IF = 10 mA IF = 5 mA
IF = 20 mA
0.01 IF = 5 mA IF = 10 mA
IF = 20 mA
TA = 25C 0.1 1 10
0.001 0.01
0.001 0.01
0.1
1
10
IC - COLLECTOR CURRENT (mA)
IC - COLLECTOR CURRENT (mA)
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 5
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Typical Performance Curves (Continued)
Fig. 13 Switching Speed vs. Load Resistor (Black Package)
1000 IF = 10 mA VCC = 10 V TA = 25C 1000 IF = 10 mA VCC = 10 V TA = 25C
Fig. 14 Switching Speed vs. Load Resistor (White Package)
SWITCHING SPEED - (s)
Toff 10 Tf Ton
SWITCHING SPEED - (s)
100
100
10
Toff
Tf
Ton
1
1
Tr
Tr
0.1 0.1 1 10 100
0.1 0.1 1 10 100
R-LOAD RESISTOR (k)
R-LOAD RESISTOR (k)
Fig. 15 Normalized ton vs. RBE (Black Package)
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 10 100 1000 10000 100000 VCC = 10 V IC = 2 mA RL = 100 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 10
Fig. 16 Normalized ton vs. RBE (White Package)
NORMALIZED ton - (ton(RBE) / ton(open))
NORMALIZED ton - (ton(RBE) / ton(open))
VCC = 10 V IC = 2 mA RL = 100
100
1000
10000
100000
RBE- BASE RESISTANCE (k )
RBE- BASE RESISTANCE (k )
Fig. 17 Normalized toff vs. RBE (Black Package)
1.4 1.3 1.4 1.3
Fig. 18 Normalized toff vs. RBE (White Package)
NORMALIZED toff - (toff(RBE) / toff(open))
NORMALIZED toff - (toff(RBE) / toff(open))
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 10 100 1000 10000 100000 VCC = 10 V IC = 2 mA RL = 100
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 10 100 1000 10000 100000 VCC = 10 V IC = 2 mA RL = 100
RBE- BASE RESISTANCE (k )
RBE- BASE RESISTANCE (k )
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 6
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Typical Performance Curves (Continued)
Fig. 19 Dark Current vs. Ambient Temperature
10000
ICEO - COLLECTOR -EMITTER DARK CURRENT (nA)
VCE = 10 V TA = 25C 1000
100
10
1
0.1
0.01
0.001 0 20 40 60 80 100
TA - AMBIENT TEMPERATURE (C)
TEST CIRCUIT
VCC = 10V
WAVE FORMS
INPUT PULSE
IF INPUT RBE
IC
RL
10% 90% tr ton Adjust IF to produce IC = 2 mA tf toff OUTPUT PULSE
OUTPUT
Figure 20. Switching Time Test Circuit and Waveforms
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 7
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Black Package (No -M Suffix)
Package Dimensions (Through Hole)
PIN 1 ID.
Package Dimensions (Surface Mount)
0.350 (8.89) 0.320 (8.13)
0.270 (6.86) 0.240 (6.10)
Pin 1 ID 0.390 (9.90) 0.332 (8.43)
0.260 (6.60) 0.240 (6.10)
SEATING PLANE
0.350 (8.89) 0.330 (8.38) 0.070 (1.78) 0.045 (1.14)
Seating Plane
0.070 (1.77) 0.040 (1.02) 0.014 (0.36) 0.010 (0.25)
0.320 (8.13)
0.200 (5.08) 0.115 (2.92)
0.154 (3.90) 0.100 (2.54)
0.020 (0.51) MIN 0.016 (0.40) 0.008 (0.20)
0.200 (5.08) 0.115 (2.93)
0.012 (0.30) 0.008 (0.20)
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15
0.300 (7.62) TYP
0.025 (0.63) 0.020 (0.51) 0.020 (0.50) 0.016 (0.41)
0.100 [2.54] 0.035 (0.88) 0.012 (0.30)
Package Dimensions (0.4" Lead Spacing)
PIN 1 ID
Recommended Pad Layout for Surface Mount Leadform
0.070 (1.78)
0.270 (6.86) 0.240 (6.10)
0.060 (1.52)
0.350 (8.89) 0.330 (8.38)
0.415 (10.54)
SEATING PLANE
0.070 (1.78) 0.045 (1.14)
0.100 (2.54) 0.295 (7.49) 0.030 (0.76)
0.200 (5.08) 0.135 (3.43)
0.154 (3.90) 0.100 (2.54)
0.004 (0.10) MIN
0.016 (0.40) 0.008 (0.20)
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP
0 to 15 0.400 (10.16) TYP
Note: All dimensions are in inches (millimeters).
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 8
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
White Package (-M Suffix)
Package Dimensions (Through Hole)
0.350 (8.89) 0.320 (8.13) Pin 1 ID
Package Dimensions (Surface Mount)
0.350 (8.89) 0.320 (8.13) PIN 1 ID
0.260 (6.60) 0.240 (6.10)
0.260 (6.60) 0.240 (6.10)
0.390 (9.90) 0.332 (8.43)
SEATING PLANE
SEATING PLANE
0.070 (1.77) 0.040 (1.02)
0.070 (1.77) 0.040 (1.02)
0.014 (0.36) 0.010 (0.25) 0.320 (8.13)
0.320 (8.13) 0.014 (0.36) 0.010 (0.25)
0.200 (5.08) 0.115 (2.93)
0.200 (5.08) 0.115 (2.93)
0.012 (0.30) 0.008 (0.20)
0.100 (2.54) 0.015 (0.38) 0.020 (0.50) 0.016 (0.41) 0.100 (2.54) 15 0.012 (0.30)
0.025 (0.63) 0.020 (0.51) 0.020 (0.50) 0.016 (0.41)
0.100 [2.54] 0.035 (0.88) 0.006 (0.16)
Package Dimensions (0.4" Lead Spacing)
0.350 (8.89) 0.320 (8.13) PIN 1 ID
Recommended Pad Layout for Surface Mount Leadform
0.070 (1.78)
0.260 (6.60) 0.240 (6.10)
0.060 (1.52)
0.070 (1.77) 0.040 (1.02) SEATING PLANE
0.014 (0.36) 0.010 (0.25)
0.415 (10.54)
0.100 (2.54) 0.295 (7.49) 0.030 (0.76)
0.200 (5.08) 0.115 (2.93)
0.100 (2.54) 0.015 (0.38) 0.020 (0.50) 0.016 (0.41) 0.100 [2.54] 0.012 (0.30) 0.008 (0.21) 0.425 (10.80) 0.400 (10.16)
Note: All dimensions are in inches (millimeters).
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 9
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Ordering Information
Black Package (No Suffix)
No Suffix .S .SD .W .300 .300W .3S .3SD
Example
4N32 4N32S 4N32SD 4N32W 4N32300 4N32300W 4N323S 4N323SD
White Package (-M Suffix)
No Suffix S SR2 T V TV SV SR2V
Example
4N32M 4N32SM 4N32SR2M 4N32TM 4N32VM 4N32TVM 4N32SVM 4N32SR2VM
Option
Standard Through Hole Device Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape & Reel
Marking Information
1
1
4N29 V XX YY K
3 4 5
2 6
4N29 V
3 4
2 6
X YY Q
5
Black Package, No Suffix Definitions
1 2 3 Fairchild logo Device number
White Package, -M Suffix
VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) One or two digit year code * Two digits for black package parts, e.g., `07' * One digit for white package parts, e.g., `7' Two digit work week ranging from `01' to `53' Assembly package code
4 5 6
*Note - Parts built in the white package (M suffix) that do not have the `V' option (see definition 3 above) that are marked with date code `325' or earlier are marked in the portrait format.
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 10
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Tape Dimensions
Black Package, No Suffix
12.0 0.1 4.85 0.20 0.30 0.05 4.0 0.1 4.0 0.1 O1.55 0.05 1.75 0.10
7.5 0.1 13.2 0.2 9.55 0.20 16.0 0.3
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
White Package, -M Suffix
12.0 0.1 4.5 0.20 2.0 0.05 0.30 0.05 4.0 0.1 O1.5 MIN 1.75 0.10
11.5 1.0 21.0 0.1 9.1 0.20 24.0 0.3
0.1 MAX
10.1 0.20
O1.5 0.1/-0
User Direction of Feed
Note: All dimensions are in millimeters.
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 11
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
Reflow Soldering Profile
Black Package, No Suffix
300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 Time (Minute)
Time above 183C, 60-150 sec 215C, 10-30 s
225 C peak
Ramp up = 3C/sec
* Peak reflow temperature: 225C (package surface temperature) * Time of temperature higher than 183C for 60-150 seconds * One time soldering reflow is recommended
White Package, -M Suffix
300 280 260 240 220 200 180 160 C 140 120 100 80 60 40 20 0 0 260C >245C = 42 Sec
Time above 183C = 90 Sec 1.822C/Sec Ramp up rate
33 Sec 60 120 180 270 360
Time (s)
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 12
4N29, 4N30, 4N31, 4N32, 4N33 General Purpose 6-Pin Photodarlington Optocoupler
TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx Across the board. Around the world.TM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM CTLTM Current Transfer LogicTM DOMETM 2 E CMOSTM (R) EcoSPARK EnSignaTM FACT Quiet SeriesTM (R) FACT (R) FAST FASTrTM FPSTM (R) FRFET GlobalOptoisolatorTM GTOTM HiSeCTM
(R)
i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM MICROCOUPLERTM MicroPakTM MICROWIRETM Motion-SPMTM MSXTM MSXProTM OCXTM OCXProTM (R) OPTOLOGIC (R) OPTOPLANAR PACMANTM PDP-SPMTM POPTM (R) Power220 (R) Power247 PowerEdgeTM PowerSaverTM
Power-SPMTM (R) PowerTrench Programmable Active DroopTM (R) QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM ScalarPumpTM SMART STARTTM (R) SPM STEALTHTM SuperFETTM SuperSOTTM -3 SuperSOTTM -6 SuperSOTTM -8 SyncFETTM TCMTM (R) The Power Franchise
TM
TinyBoostTM TinyBuckTM (R) TinyLogic TINYOPTOTM TinyPowerTM TinyWireTM TruTranslationTM SerDesTM (R) UHC UniFETTM VCXTM WireTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
Rev. I26
2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2006 Fairchild Semiconductor Corporation 4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
www.fairchildsemi.com 13


▲Up To Search▲   

 
Price & Availability of 4N32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X