Part Number Hot Search : 
B1624 FR301 RT8284N 967AU UPA102B K2018 NJG1701V NTE2956
Product Description
Full Text Search
 

To Download 40CPQ080G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin
PD-20803 11/05
40CPQ080G 40CPQ100G
SCHOTTKY RECTIFIER 40 Amp
IF(AV) = 40Amp VR = 80 - 100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM VF TJ @ tp = 5 s sine @ 20 Apk, TJ=125C
Description/ Features Units
A V A V The 40CPQ...G center tap Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap TO-247 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
40 80 - 100 2950 0.61
(per leg)
- 55 to 175
C
Case Styles
40CPQ...G
Base Common Cathode
2
1
3 2
Anode
1
Anode
2
Common Cathode
TO-247AC
www.irf.com
1
40CPQ080G, 40CPQ100G
Bulletin PD-20803 11/05
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
40CPQ080G
80
40CPQ100G
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 0.75 A Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical 2950 300 11.25 A mJ 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
40CPQ Units
40 A
Conditions
50% duty cycle @ TC = 145C, rectangular wave form
TJ = 25 C, I AS = 2 Amps, L = 5.6 mH
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
40CPQ Units
0.77 0.91 0.61 0.75 0.27 15 600 7.5 10000 V V V V mA mA pF nH V/ s @ 20A @ 40A @ 20A @ 40A TJ = 25 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
40CPQ Units
-55 to 175 -55 to 175 1.25 0.63 0.24 6 (0.21) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Case Style Device Marking
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
TO-247AC(TO-3P) JEDEC 40CPQ100G
2
www.irf.com
40CPQ080G, 40CPQ100G
Bulletin PD-20803 11/05
10 00
10 00 10 0 1 0 1 .1 .0 1 .0 1 0 0 T =1 5C 7 J 1 0C 5 1 5C 2 1 0C 0 7 5C 5 0C 2 5C 2 0 4 0 6 0 8 0 10 0
10 0
In ta ta e u F rw rdC rre t - IF (A s n nos o a un )
T =1 5C 7 J 1 0 T =1 5C 2 J T= 2 5C J
R v rs C rre t - I (m ) ee e u n A R
R v rs V lta e- V (V ee e o g R)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10 00 J n tio C p c n e- C (p ) u c n a a ita c F T
1
T =2 5C J
.1 0
.4
.8
1 .2
1 .6
2
10 0 0
2 0
4 0
6 0
8 0
10 0
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 T e a Im e a c - Zth C ( /W h rm l p d n e C) J
F rw rdV lta eD p- V (V oa o g ro ) F M
R v rs V lta e- V (V ee e o g R)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0
P
D M t 1 t2
.1
.0 1 S g P ls in le u e (T e a R s ta c ) h rm l e is n e .0 1 0 .0 0 1 00 .0 0 01 .0 1 0 .0 1 .1
N te : os 1 D tyfa to D= t / t .u cr 12 2 P a T =P xZ . ek +T JD M th C C J 1 1 0 10 0
t , R c n u r P ls D ra n(S c n s e ta g la u e u tio eod) 1
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
40CPQ080G, 40CPQ100G
Bulletin PD-20803 11/05
10 8 A w b C s T m e tue -( ) llo a le a e e p ra r C 15 7 10 7 15 6 D C 10 6 15 5 10 5 0 Rth C(D ) =1 5 C C .2 /W J
1 8 D=0 8 .0 1 D=0 7 6 .1 D=0 5 .2 1 4 D=0 3 .3 .5 1 D=0 0 2 1 0 M im 8 R SL it 6 4 2 D C
A e g P w r L s - (W tts v ra e o e o s a)
5
1 0
1 5
2 0
2 5 (A )
3 0
0 0
5
1 0
1 5
2 0
2 5
3 0
A e g F rw rdC rre t - I v ra e o a un
FV (A )
A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
10000 At Any Rated Load Condition And With Rated RRM Applied V Following Surge
FSM
Non-Repetitive Surge Current - I
(A) 1000 100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
40CPQ080G, 40CPQ100G
Bulletin PD-20803 11/05
Outline Table
3.65 (0.144) 3.55 (0.139) 5.70 (0.225) 5.30 (0.208) 20.30 (0.800) 19.70 (0.775) 1 14.80 (0.583) 14.20 (0.559) 2 3 5.50 (0.217) 4.50 (0.177) (2 PLCS.)
1 3 2
15.90 (0.626) 15.30 (0.602)
DIA.
5.30 (0.209) 4.70 (0.185) 2.5 (0.098) 1.5 (0.059)
Base Common Cathode
2
Anode
1
Anode
2
4.30 (0.170) 3.70 (0.145) 2.20 (0.087) MAX. 3.20 (0.126) MAX. 0.80 (0.032) 0.40 (0.213) 2.40 (0.095) MAX.
Common Cathode
1.40 (0.056) 1.00 (0.039) 5.47 (0.216) 5.43 (0.213)
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and (inches)
Marking Information
THIS IS A 40CPQ100G WITH LOT CODE 58 07 ASSEMBLED ON WW 35, 2000 IN THE ASSEMBLY LINE "H"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
40CPQ100G 035H
58
07
DATE CODE YEAR 0 = 2000 WEEK 35 LINE H
www.irf.com
5
40CPQ080G, 40CPQ100G
Bulletin PD-20803 11/05
Ordering Information Table
Device Code
40
1 1 2 3 4 5 6 7 -
C
2
P
3
Q
4
100
5
G
6
7
Current Rating (40 = 40A) Circuit Configuration C = Common Cathode Package P = TO-247 Schottky "Q" Series Voltage Code G = Schottky Generation none = Standard Production PbF = Lead-Free Tube Standard Pack Quantity : 25 pieces 080 = 80V 100 = 100V
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 11/05
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 40CPQ080G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X