|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Transistors 2SB1054 Silicon PNP triple diffusion planar type For high power amplification Complementary to 2SD1485 Features * Excellent collector current IC characteristics of forward current transfer ratio hFE * Wide safe operation area * High transition frequency fT * Full-pack package which can be installed to the heat sink with one screw 21.00.5 15.00.2 Unit: mm 15.00.3 (0.7) 5.00.2 (3.2) 11.00.2 3.20.1 (3.5) Solder Dip 2.00.2 1.10.1 2.00.1 0.60.2 Absolute Maximum Ratings TC = 25C Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Ta = 25C Junction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO IC ICP PC Rating -100 -100 -5 -5 -8 60 3 150 -55 to +150 C C Unit V V V A A W 1 16.20.5 5.450.3 10.90.5 2 3 1: Base 2: Collector 3: Emitter EIAJ: SC-92 TOP-3F-A1 Package Electrical Characteristics TC = 25C 3C Parameter Base-emitter voltage Collector-base cutoff current (Emitter open) Emitter-base cutoff current (Collector open) Forward current transfer ratio Symbol VBE ICBO IEBO hFE1 hFE2 * hFE3 Collector-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) VCE(sat) fT Cob Conditions VCE = -5 V, IC = -3 A VCB = -100 V, IE = 0 VEB = -3 V, IC = 0 VCE = -5 V, IC = -20 mA VCE = -5 V, IC = -1 A VCE = -5 V, IC = -3 A IC = -3 A, IB = - 0.3 A VCE = -5 V, IC = - 0.5 A, f = 1 MHz VCB = -10 V, IE = 0, f = 1 MHz 20 170 20 40 20 -2.0 V MHz pF 200 Min Typ Max -1.8 -50 -50 Unit V A A Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE2 R 40 to 80 Q 60 to 120 P 100 to 200 Publication date: March 2003 SJD00038BED 1 2SB1054 PC Ta 80 (1)TC=Ta (2)With a 100x100x2mm Al heat sink (3)Without heat sink (PC=3.0W) IC VCE -6 IB=-80mA TC=25C IC VBE -6 25C TC=100C -25C VCE=-5V Collector power dissipation PC (W) -5 Collector current IC (A) -4 -60mA -50mA -40mA Collector current IC (A) 60 (1) -70mA -5 -4 40 -3 -30mA -20mA -10mA -3 -2 -2 20 (2) (3) -1 -5mA -1 0 0 0 40 80 120 160 0 -2 -4 -6 -8 -10 -12 0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0 Ambient temperature Ta (C) Collector-emitter voltage VCE (V) Base-emitter voltage VBE (V) VCE(sat) IC Collector-emitter saturation voltage VCE(sat) (V) -100 IC/IB=10 hFE IC 104 VCE=-5V fT I C 1 000 VCE=-5V f=1MHz TC=25C Forward current transfer ratio hFE -10 103 TC=100C 25C Transition frequency fT (MHz) -1 -10 100 -1 TC=100C 25C -25C 102 -25C 10 - 0.1 10 1 - 0.01 - 0.01 - 0.1 -1 -10 1 - 0.01 - 0.1 0.1 - 0.01 - 0.1 -1 -10 Collector current IC (A) Collector current IC (A) Collector current IC (A) Safe operation area -100 Non repetitive pulse TC=25C Rth t 103 (1)PT=10Vx0.3A(3W) and without heat sink (2)PT=10Vx1A(10W) and with a 100x100x2mm Al heat sink Collector current IC (A) -10 ICP IC DC t=1ms Thermal resistance Rth (C/W) 102 (1) 10 (2) -1 t=10ms - 0.1 1 - 0.01 -1 -10 -100 -1 000 10-1 10-3 10-2 10-1 1 10 102 103 104 Collector-emitter voltage VCE (V) Time t (s) 2 SJD00038BED Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd. 2002 JUL |
Price & Availability of 2SB1054 |