Part Number Hot Search : 
NTR4502 1N4771A MM1510 2FWJ42M C9014 APE34024 D6562 R3003
Product Description
Full Text Search
 

To Download 2N6578 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N6578
MECHANICAL DATA Dimensions in mm (inches)
NPN BIPOLAR POWER DARLINGTON TRANSISTOR
6.35 (0.25) 9.15 (0.36) 1.52 (0.06) 3.43 (0.135)
25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44)
FEATURES
38.61 (1.52) 39.12 (1.54) 0.97 (0.060) 1.10 (0.043) 22.23 (0.875) max. 29.9 (1.177) 30.4 (1.197)
* FAST SWITCHING * CECC SCREENING OPTIONS * SPACE QUALITY LEVELS OPTIONS
16.64 (0.655) 17.15 (0.675)
1
2
3 (case) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50)
* JAN LEVEL SCREENING OPTIONS
APPLICATIONS
* HIGH SPEED SWITCHING CIRCUITS TO-3 (TO-204AA)
Underside View 1 = Emitter 2 = Base 3 = Collector
* POWER AMPLIFIERS
ABSOLUTE MAXIMUM RATINGS (Tc = 25C unless otherwise stated)
VCBO VCEO VEBO IB IC PD RJC TJ , TSTG Collector - Base Voltage (IE = 0) Collector - Emitter Voltage (IB = 0) Emitter - Base Voltage (IC = 0) Base Current Collector Current Power Dissipation @ TC = 25C Thermal Resistance Junction to Case Operating and Storage Junction Temperature Range 120V 120V 7V 250mA 15A 120W 1.46C/W -65 to +200C
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 5560 Issue 1
2N6578
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise stated) Parameter
BVCEO ICBO ICEV ICER ICEO VCE(sat) VBE(sat) Collector - Base Cut-off Current Collector - Emitter Cut-off Current Collector - Emitter Cut-off Current Collector - Base Cut-off Current Collector - Emitter Saturation Voltage Base - Emitter On Voltage
Test Conditions
VCB = 120V VCEV = 120V VBE(off) = 1.5V VCER = 120V RBE = 10k TC = 150C VCE = 120V IC = 10A IC = 15A IC = 10A IC = 15A IC = 0.4A IC = 4.0A IC = 10A IC = 15A IEC = 15A VCE = 3V f = 1.0MHz IC = 10A IB1 = 100mA IC = 10A VCC = 30V IB1 = -IB2 = 100mA VCC = 30V IC = 3A IB = 100mA IB = 150mA IB = 100mA IB = 150mA VCE = 3V VCE = 3V VCE = 3V VCE = 4V
Min.
120
Typ.
Max. Unit
V 500 5.0 5.0 1.0 2.8 4.0 3.5 4.5 V mA A
Collector - Emitter Breakdown Voltage IC = 200mA
200 2000 500 100 4.5 10 200 0.15 1.0 2.0 7.0 s V -- 20000 5000 --
hFE
DC Current Gain
VF [hfe] td tr ts tf
Forward Voltage Small Signal Current Gain Delay Time Rise time Storage Time Fall Time
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 5560 Issue 1


▲Up To Search▲   

 
Price & Availability of 2N6578

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X